Electronic Components Datasheet Search
  English  ▼

X  

STR500 Datasheet(PDF) 2 Page - Lumins Inc.

Part # STR500
Description  Micro linear prismatic acrylic diffuser
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMINIS [Lumins Inc.]
Direct Link  http://www.luminis.com
Logo LUMINIS - Lumins Inc.

STR500 Datasheet(HTML) 2 Page - Lumins Inc.

  STR500 Datasheet HTML 1Page - Lumins Inc. STR500 Datasheet HTML 2Page - Lumins Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Luminaires may be altered for design improvement or discontinued without prior notice.
Unless specified, lamps are not included with luminaires.
Toll free: 866.586.4647 Fax: 514.683.8872
260 Labrosse, Pointe-Claire (QC) Canada H9R 5L5
LUMINIS
2
2
___ Vertical Plane
___ Horizontal Plane
STR500/STR528
SPECTRUM - CFL/LED
DescriptiveInformation
Report No.: LSCE675
Luminaire: Spectrum Wall Sconce STR500
Lamp: 8 Luxeon Rebel 4100K
Total Lamp Lumens: 686 LMS
Luminaire Watt: 14.88W
Efficiency: 46 Lumens/Watt
STR500
Please visit our web site www.luminis.com for complete I.E.S. formatted download data.
TYPICALPHOTOMETRYSUMMARY
STANDARD COLORS
WHT Snow white
BKT Jet black
BZT Bronze
MST Matte silver
GRT Titanium gray
DGT Gun metal
CHT Champagne
OPTIONAL COLORS
CS
Custom color
RAL RAL# color
(Refer to color chart)
MODEL#
LAMP SELECTION 1
VOLTAGE
FINISH
STR500
STR528
STR528LP
LUMINAIRESELECTION
COMPACT FLUORESCENT (Gx24q lamp base)
STR500
F118
1X18W
F126
1X26W
F132
1X32W
F142
1X42W
F157
1X57W
LED
STR528/STR528LP
L2W9
18W
LED: PCB & optical lenses are included with luminaire.
Color range 3500/4000oK
CFL
120V 2
277V
347V
LED
120V
277V
236
177
118
59
ELECTRICAL
OPTIONS
DM1
1X26/32/42W 120V or 277V Mark X dimming ballast
DM3
2X32/42W 120V or 277V Mark X dimming ballast
DM6
1X18W Mark X dimming ballast
DIMMING FOR C.F.L. LUMINAIRE
120V
277V
DM1-120
DM1-277
(1X26/32/42W)
DM3-120
DM3-277
(1X57W)
DM6-120
DM6-277
(1X18W)
Dimming ballast Mark X. 50/60Hz. 120V or 277V with EOL protection.
Dimming 5-100% Min. start temp. 10ºC (50ºF). Burn lamps 100Hrs at full
output before dimming.
NOTES
1-
Unless otherwise noted, lamps are by others.
2-
Luminaires are factory prewired for 120V (if no voltage is specified.)
For complete photometric data, please visit our website at www.luminis.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com