Electronic Components Datasheet Search
  English  ▼

X  

STR620W Datasheet(PDF) 1 Page - Lumins Inc.

Part # STR620W
Description  Diffuser end plate holders.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMINIS [Lumins Inc.]
Direct Link  http://www.luminis.com
Logo LUMINIS - Lumins Inc.

STR620W Datasheet(HTML) 1 Page - Lumins Inc.

  STR620W Datasheet HTML 1Page - Lumins Inc. STR620W Datasheet HTML 2Page - Lumins Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TYPE:
QUANTITY:
PROJECT:
CATALOG
NUMBER:
FIXTURE
WATTAGE
VOLTAGE
FINISH
OPTION
Luminaires may be altered for design improvement or discontinued without prior notice.
Unless specified, lamps are not included with luminaires.
Toll free: 866.586.4647 Fax: 514.683.8872
260 Labrosse, Pointe-Claire (QC) Canada H9R 5L5
LUMINIS
MATERIALS
Elliptical housing is made of extruded aluminum. Reflector is made of high
purity specular aluminum with a minimum of 95% reflectivity. Side diffusers
are extruded acrylic panels featuring optical micro linear prisms for a diffused
forward glow.
ELECTRICAL
BALLAST
T5/HO Electronic fluorescent with a multi volt feature, 120/277V
(347V on request). Ballasts have a 98% power factor with end of life
protection.
SOCKET
Mini Bi-Pin fluorescent T5 thermoplastic lamp holders.
FINISH
Polyester powder coating is applied through an electrostatic process and oven
cured for long term finish.
MOUNTING
Maximum weight
STR620W: 29lbs (13kg)
Maximum weight
STR630W: 41lbs (18.6kg)
Maximum weight
STR640W: 53lbs (24kg)
Spectrum is specifically designed for
ADA compliance.
The luminaire can be installed vertically or horizontally as desired.
CERTIFICATION
Tested to UL1598 and CSA 22.2 #250. ETL listed dry location.
Rated IP20.
1
2
3
4
5
6
7
8
9
4”(102)
16”
(406)
1
STR620W 26.25”(667)
STR630W 38”(967)
STR640W 50”(1267)
14”
(355.6)
4X Ø 5/16”(8) Mounting holes
1”(25.4)
16”(406)
MOUNTING POSITION
Wall mount
STR620W/STR630W/STR640W
SPECTRUM - Fluorescent
STR620W/STR630W/
STR640W
1- Micro linear prismatic acrylic diffuser
panels.
2- Diffuser end plate holders.
3- End plate cover.
4- HO 120/277V multi volt electronic ballast
with EOL protection. 347V on request.
5- Extruded aluminum elliptical housing.
6- ≤ 95% reflectivity pure aluminum reflector.
7- Mini bi-pin thermoplastic T5/HO
lampholders.
8- Wall mounting channel.
9- White enamel reflector.
STR620/630/640W series are
ADA compliant.
ELECTRICAL


Similar Part No. - STR620W

ManufacturerPart #DatasheetDescription
logo
Sanken electric
STR6253 SANKEN-STR6253 Datasheet
85Kb / 2P
Power IC for PWM Type Switching Power Supply with Low Noise and Low Standby Power
logo
Lumins Inc.
STR625A LUMINIS-STR625A Datasheet
547Kb / 2P
Diffuser end plate holders.
STR625S LUMINIS-STR625S Datasheet
512Kb / 2P
Diffuser end plate holders.
More results

Similar Description - STR620W

ManufacturerPart #DatasheetDescription
logo
Lumins Inc.
STR625A LUMINIS-STR625A Datasheet
547Kb / 2P
Diffuser end plate holders.
STR625S LUMINIS-STR625S Datasheet
512Kb / 2P
Diffuser end plate holders.
STR6404 LUMINIS-STR6404 Datasheet
612Kb / 3P
Diffuser end plate holders.
logo
Festo Corporation.
550214 FESTO-550214 Datasheet
66Kb / 1P
End plate
576316 FESTO-576316 Datasheet
84Kb / 1P
End plate
18880 FESTO-18880 Datasheet
65Kb / 1P
End plate
7/31/22
533372 FESTO-533372 Datasheet
75Kb / 1P
End plate
7/31/22
560947 FESTO-560947 Datasheet
81Kb / 1P
End plate
8/3/22
576559 FESTO-576559 Datasheet
83Kb / 1P
End plate
8/7/22
576560 FESTO-576560 Datasheet
62Kb / 1P
End plate
8/7/22
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com