Electronic Components Datasheet Search
  English  ▼

X  

N32004M Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # N32004M
Description  Duplex Multimode 62.5-125 Fiber Patch Cable (LC-LC), 4M (13-ft.)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

N32004M Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  N32004M Datasheet HTML 1Page - Tripp Lite. All Rights Reserved N32004M Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Duplex Multimode 62.5/125 Fiber Patch Cable
(LC/LC), 4M (13-ft.)
MODEL NUMBER: N320-04M
Description
Tripp Lite's 4-meter ( 13ft ) multimode duplex micron fiber optic LC/LC patch cable is manufactured from 62.5/125 zipcord fiber. The cable has LC connectors
on each end, a PVC jacket and is FDDI and OFNR rated. Duplex multimode fiber is most commonly used in LAN applications.
Features
Manufactured from 62.5/125 duplex (zipcord) fiber
PVC jacket
Length: 4 meters ( 13ft ) Connectors: LC connector on each end
Insertion loss testing performed on every connector (0.2db typical) and provided with cable
Beveled edge on ends of glass makes insertion of plug a breeze
Fiber made from glass (not a polymer)
Fiber optic distributed data interface (FDDI) rated
OFNR (riser rated)
Specifications
OVERVIEW
Fiber Type
62.5/125 - OM1
Cable Type
Multimode
INPUT
Cable Length (ft.)
13
Cable Length (m)
4
Highlights
Manufactured from 62.5/125
duplex (Zipcord) fiber
Insertion loss testing performed
on every connector (0.2dB
typical)
System Requirements
Any fiber optic hardware or NIC
card requiring multimode duplex
cable with LC connectors
Package Includes
4 Meter ( 13ft ) Duplex MMF
Cable LC/LC 62.5/125 Micron
Fiber
1 / 2


Similar Part No. - N32004M

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
N32004R1DN NUVOTON-N32004R1DN Datasheet
1Mb / 47P
ARM926-based Media Processor
N32004R1DN NUVOTON-N32004R1DN Datasheet
1Mb / 34P
ARM926EJ-S Based Media Processor with Video Decode Accelerator
N32004R2DN NUVOTON-N32004R2DN Datasheet
1Mb / 47P
ARM926-based Media Processor
N32004R2DN NUVOTON-N32004R2DN Datasheet
1Mb / 34P
ARM926EJ-S Based Media Processor with Video Decode Accelerator
N32004R3DN NUVOTON-N32004R3DN Datasheet
1Mb / 47P
ARM926-based Media Processor
More results

Similar Description - N32004M

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
N32003M TRIPPLITE-N32003M Datasheet
495Kb / 2P
Duplex Multimode 62.5-125 Fiber Patch Cable (LC-LC), 3M (10-ft.)
N52004M TRIPPLITE-N52004M Datasheet
500Kb / 2P
Duplex Multimode 50-125 Fiber Patch Cable (LC-LC), 4M (13-ft.)
N316-04M TRIPPLITE-N316-04M Datasheet
156Kb / 2P
Duplex Multimode 62.5/125 Fiber Patch Cable (LC/SC), 4M (13-ft.)
N320-02M TRIPPLITE-N320-02M Datasheet
165Kb / 2P
Duplex Multimode 62.5/125 Fiber Patch Cable (LC/LC), 2M (6-ft.)
N320-03M TRIPPLITE-N320-03M Datasheet
167Kb / 2P
Duplex Multimode 62.5/125 Fiber Patch Cable (LC/LC), 3M (10-ft.)
N320-04M TRIPPLITE-N320-04M Datasheet
164Kb / 2P
Duplex Multimode 62.5/125 Fiber Patch Cable (LC/LC), 4M (13-ft.)
N320-05M TRIPPLITE-N320-05M Datasheet
165Kb / 2P
Duplex Multimode 62.5/125 Fiber Patch Cable (LC/LC), 5M (16-ft.)
N320-07M TRIPPLITE-N320-07M Datasheet
166Kb / 2P
Duplex Multimode 62.5/125 Fiber Patch Cable (LC/LC), 7M (23-ft.)
N320-61M TRIPPLITE-N320-61M Datasheet
166Kb / 2P
Duplex Multimode 62.5/125 Fiber Patch Cable (LC/LC), 61M (200-ft.)
N520-04M TRIPPLITE-N520-04M Datasheet
169Kb / 3P
Duplex Multimode 50/125 Fiber Patch Cable (LC/LC), 4M (13-ft.)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com