Electronic Components Datasheet Search
  English  ▼

X  

N32005MRD Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # N32005MRD
Description  Duplex Multimode 62.5-125 Fiber Patch Cable
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

N32005MRD Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  N32005MRD Datasheet HTML 1Page - Tripp Lite. All Rights Reserved N32005MRD Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Duplex Multimode 62.5/125 Fiber Patch Cable
(LC/LC) - Red, 5M (16-ft.)
MODEL NUMBER: N320-05M-RD
Description
Tripp Lite's Red, 5-meter multimode duplex micron fiber optic LC/LC patch cable is manufactured from 62.5/125 zipcord fiber. The cable has LC connectors on
each end, a PVC jacket, and is FDDI and OFNR rated. Duplex multimode fiber is most commonly used in LAN applications. Ideal for color coding the cable
plant.
Features
Manufactured from 62.5/125 duplex (zipcord) fiber
Red PVC jacket
Length: 5 meter Connectors: LC connector on each end
Fiber made from glass (not a polymer)
Fiber optic distributed data interface (FDDI)and OFNR rated
Specifications
OVERVIEW
Fiber Type
62.5/125 - OM1
Cable Type
Multimode
INPUT
Cable Length (ft.)
16
Cable Length (m)
5
PHYSICAL
Highlights
Manufactured from 62.5/125
duplex (Zipcord) fiber with Red
jacket
Length: 5 meter Connectors: LC
connector on each end
Insertion loss testing performed
on every connector (0.2dB typical)
System Requirements
Any fiber optic hardware or NIC
card requiring multimode duplex
cable with LC connectors
Package Includes
5M Duplex MMF Cable LC/LC
62.5/125 Micron Fiber Red Jacket
1 / 2


Similar Part No. - N32005MRD

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
N32005M TRIPPLITE-N32005M Datasheet
490Kb / 2P
Duplex Multimode 62.5-125 Fiber Patch Cable (LC-LC), 5M (16-ft.)
More results

Similar Description - N32005MRD

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
N30808M TRIPPLITE-N30808M Datasheet
472Kb / 2P
Duplex Multimode 62.5-125 Fiber Patch Cable
N31011M TRIPPLITE-N31011M Datasheet
471Kb / 2P
Duplex Multimode 62.5-125 Fiber Patch Cable
N31015M TRIPPLITE-N31015M Datasheet
472Kb / 2P
Duplex Multimode 62.5-125 Fiber Patch Cable
N31030M TRIPPLITE-N31030M Datasheet
473Kb / 2P
Duplex Multimode 62.5-125 Fiber Patch Cable
N31201M TRIPPLITE-N31201M Datasheet
480Kb / 2P
Duplex Multimode 62.5-125 Fiber Patch Cable
N31403M TRIPPLITE-N31403M Datasheet
477Kb / 2P
Duplex Multimode 62.5-125 Fiber Patch Cable
N31601M TRIPPLITE-N31601M Datasheet
476Kb / 2P
Duplex Multimode 62.5-125 Fiber Patch Cable
N31602M TRIPPLITE-N31602M Datasheet
476Kb / 2P
Duplex Multimode 62.5-125 Fiber Patch Cable
N31605M TRIPPLITE-N31605M Datasheet
475Kb / 2P
Duplex Multimode 62.5-125 Fiber Patch Cable
N310003 TRIPPLITE-N310003 Datasheet
470Kb / 2P
Duplex Multimode 62.5-125 Fiber Patch Cable
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com