Electronic Components Datasheet Search
  English  ▼

X  

N32030M Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # N32030M
Description  Duplex Multimode 62.5-125 Fiber Patch Cable (LC-LC), 30M (100-ft.)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

N32030M Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  N32030M Datasheet HTML 1Page - Tripp Lite. All Rights Reserved N32030M Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Duplex Multimode 62.5/125 Fiber Patch Cable
(LC/LC), 30M (100-ft.)
MODEL NUMBER: N320-30M
Description
Tripp Lite's 30-meter ( 100ft ) multimode duplex micron fiber optic LC/LC patch cable is manufactured from 62.5/125 zipcord fiber. The cable has LC connectors
on each end, a PVC jacket and is FDDI and OFNR rated. Duplex multimode fiber is most commonly used in LAN applications.
Features
Manufactured from 62.5/125 duplex (zipcord) fiber
PVC jacket
Length: 30 meters ( 100ft ) Connectors: LC connector on each end
Insertion loss testing performed on every connector (0.2db typical) and provided with cable
Beveled edge on ends of glass makes insertion of plug a breeze
Fiber made from glass (not a polymer)
Fiber optic distributed data interface (FDDI) rated OFNR (riser rated)
Specifications
OVERVIEW
Fiber Type
62.5/125 - OM1
Cable Type
Multimode
INPUT
Cable Length (ft.)
98
Cable Length (m)
30
PHYSICAL
Highlights
30 Meter ( 100ft ) LC/LC
62.5/125 Fiber patch Cable
Manufactured from 62.5/125
duplex (Zipcord) fiber
Insertion loss testing performed
on every connector (0.2dB
typical)
System Requirements
Any fiber optic hardware or NIC
card requiring multimode duplex
cable with LC connectors
Package Includes
30 Meter ( 100ft ) Duplex MMF
Cable LC/LC 62.5/125 Micron
Fiber
1 / 2


Similar Part No. - N32030M

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
N320-001 TRIPPLITE-N320-001 Datasheet
168Kb / 2P
Duplex Multimode 62.5/125 Fiber Patch Cable (LC/LC), 0.3M (1-ft.)
N320-01M TRIPPLITE-N320-01M Datasheet
167Kb / 2P
Duplex Multimode 62.5/125 Fiber Patch Cable (LC/LC), 1M (3-ft.)
N320-01M-RD TRIPPLITE-N320-01M-RD Datasheet
158Kb / 2P
Duplex Multimode 62.5/125 Fiber Patch Cable (LC/LC) - Red, 1M (3-ft.)
N320-02M TRIPPLITE-N320-02M Datasheet
165Kb / 2P
Duplex Multimode 62.5/125 Fiber Patch Cable (LC/LC), 2M (6-ft.)
N320-02M-RD TRIPPLITE-N320-02M-RD Datasheet
158Kb / 2P
Duplex Multimode 62.5/125 Fiber Patch Cable (LC/LC) - Red, 2M (6-ft.)
More results

Similar Description - N32030M

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
N31630M TRIPPLITE-N31630M Datasheet
477Kb / 2P
Duplex Multimode 62.5-125 Fiber Patch Cable (LC-SC), 30M (100-ft.)
N31830M TRIPPLITE-N31830M Datasheet
475Kb / 2P
Duplex Multimode 62.5-125 Fiber Patch Cable (LC-ST), 30M (100-ft.)
N52030M TRIPPLITE-N52030M Datasheet
494Kb / 2P
Duplex Multimode 50-125 Fiber Patch Cable (LC-LC), 30M (100-ft.)
N316-30M TRIPPLITE-N316-30M Datasheet
156Kb / 2P
Duplex Multimode 62.5/125 Fiber Patch Cable (LC/SC), 30M (100-ft.)
N318-30M TRIPPLITE-N318-30M Datasheet
167Kb / 2P
Duplex Multimode 62.5/125 Fiber Patch Cable (LC/ST), 30M (100-ft.)
N320-02M TRIPPLITE-N320-02M Datasheet
165Kb / 2P
Duplex Multimode 62.5/125 Fiber Patch Cable (LC/LC), 2M (6-ft.)
N320-03M TRIPPLITE-N320-03M Datasheet
167Kb / 2P
Duplex Multimode 62.5/125 Fiber Patch Cable (LC/LC), 3M (10-ft.)
N320-30M TRIPPLITE-N320-30M Datasheet
166Kb / 2P
Duplex Multimode 62.5/125 Fiber Patch Cable (LC/LC), 30M (100-ft.)
N520-30M TRIPPLITE-N520-30M Datasheet
167Kb / 3P
Duplex Multimode 50/125 Fiber Patch Cable (LC/LC), 30M (100-ft.)
N520-30M-P TRIPPLITE-N520-30M-P Datasheet
169Kb / 3P
Duplex Multimode 50/125 Fiber Plenum Rated Patch Cable (LC/LC), 30M (100-ft.)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com