Electronic Components Datasheet Search
  English  ▼

X  

N35209M Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # N35209M
Description  Duplex Singlemode 8.3-125 Fiber Patch Cable (ST-ST), 9M (30-ft.)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

N35209M Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  N35209M Datasheet HTML 1Page - Tripp Lite. All Rights Reserved N35209M Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Duplex Singlemode 8.3/125 Fiber Patch Cable
(ST/ST), 9M (30-ft.)
MODEL NUMBER: N352-09M
Description
Tripp Lite's 9-meter ( 30ft ), singlemode duplex fiber optic ST/ST patch cable is manufactured from 8.3/125
zipcord fiber. The cable has ST connectors on each end, a PVC jacket and is FDDI and OFNR rated. Duplex
singlemode fiber is most commonly used in LAN applications.
Features
Manufactured from 8.3/125 duplex (zipcord) fiber
PVC jacket
Length: 9-meter ( 30ft ) Connectors: 2 ST connectors on each end
Insertion loss testing performed on every connector (0.2db typical) and provided with cable
Beveled edge on ends of glass makes insertion of plug a breeze
Fiber made from glass (not a polymer)
Fiber optic distributed data interface (FDDI) rated
OFNR (riser rated)
Specifications
OVERVIEW
Fiber Type
8.3/125
Cable Type
Singlemode
INPUT
Cable Length (ft.)
30
Highlights
Premium PVC 8.3/125 micron
singlemode patch cables
Attenuation loss meets or
exceeds the latest industry
standard
Twice the bandwidth throughput
of multimode cable
Applications
Networking equipment that
requires singlemode fiber optic
patch cables
System Requirements
Any fiber optic hardware or NIC
card requiring singlemode duplex
cable with ST/ST connectors.
Package Includes
9-meter ( 30ft ) Duplex
Singlemode Fiber Patch Cable,
ST/ST
1 / 2


Similar Part No. - N35209M

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
N35201M TRIPPLITE-N35201M Datasheet
480Kb / 2P
Duplex Singlemode 8.3-125 Fiber Patch Cable (ST-ST), 1M (3-ft.)
N35202M TRIPPLITE-N35202M Datasheet
480Kb / 2P
Duplex Singlemode 8.3-125 Fiber Patch Cable (ST-ST), 2M (6-ft.)
N35203M TRIPPLITE-N35203M Datasheet
480Kb / 2P
Duplex Singlemode 8.3-125 Fiber Patch Cable (ST-ST), 3M (10-ft.)
N35205M TRIPPLITE-N35205M Datasheet
480Kb / 2P
Duplex Singlemode 8.3-125 Fiber Patch Cable (ST-ST), 5M (16-ft.)
More results

Similar Description - N35209M

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
N35201M TRIPPLITE-N35201M Datasheet
480Kb / 2P
Duplex Singlemode 8.3-125 Fiber Patch Cable (ST-ST), 1M (3-ft.)
N35202M TRIPPLITE-N35202M Datasheet
480Kb / 2P
Duplex Singlemode 8.3-125 Fiber Patch Cable (ST-ST), 2M (6-ft.)
N35203M TRIPPLITE-N35203M Datasheet
480Kb / 2P
Duplex Singlemode 8.3-125 Fiber Patch Cable (ST-ST), 3M (10-ft.)
N35205M TRIPPLITE-N35205M Datasheet
480Kb / 2P
Duplex Singlemode 8.3-125 Fiber Patch Cable (ST-ST), 5M (16-ft.)
N35215M TRIPPLITE-N35215M Datasheet
480Kb / 2P
Duplex Singlemode 8.3-125 Fiber Patch Cable (ST-ST), 15M (50-ft.)
N35409M TRIPPLITE-N35409M Datasheet
485Kb / 2P
Duplex Singlemode 8.3-125 Fiber Patch Cable (SC-ST), 9M (30-ft.)
N352-02M TRIPPLITE-N352-02M Datasheet
160Kb / 2P
Duplex Singlemode 8.3/125 Fiber Patch Cable (ST/ST), 2M (6-ft.)
N352-05M TRIPPLITE-N352-05M Datasheet
160Kb / 2P
Duplex Singlemode 8.3/125 Fiber Patch Cable (ST/ST), 5M (16-ft.)
N352-09M TRIPPLITE-N352-09M Datasheet
160Kb / 2P
Duplex Singlemode 8.3/125 Fiber Patch Cable (ST/ST), 9M (30-ft.)
N354-09M TRIPPLITE-N354-09M Datasheet
159Kb / 2P
Duplex Singlemode 8.3/125 Fiber Patch Cable (SC/ST), 9M (30-ft.)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com