Electronic Components Datasheet Search
  English  ▼

X  

BC857 Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # BC857
Description  EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, SWITCHING)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

BC857 Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  BC857 Datasheet HTML 1Page - KEC(Korea Electronics) BC857 Datasheet HTML 2Page - KEC(Korea Electronics) BC857 Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1999. 3. 9
1/3
SEMICONDUCTOR
TECHNICAL DATA
BC856/7/8
EPITAXIAL PLANAR PNP TRANSISTOR
Revision No : 3
GENERAL PURPOSE APPLICATION.
SWITCHING APPLICATION .
FEATURES
・For Complementary With NPN Type BC846/847/848.
MAXIMUM RATING (Ta=25
℃)
DIM
MILLIMETERS
SOT-23
A
B
C
D
E
2.93 0.20
1.30+0.20/-0.15
0.40+0.15/-0.05
2.40+0.30/-0.20
G
1.90
H
J
K
L
M
N
0.95
0.13+0.10/-0.05
0.00 ~ 0.10
0.55
Q
0.1 MAX
0.20 MIN
1.00+0.20/-0.10
M
E
1
2
3
B
1.30 MAX
LL
PP
P7
+
_
Q
1. EMITTER
2. BASE
3. COLLECTOR
CHARACTERISTIC
SYMBOL
RATING
UNIT
Collector-Base Voltage
BC856
VCBO
-80
V
BC857
-50
BC858
-30
Collector-Emitter
Voltage
BC856
VCEO
-65
V
BC857
-45
BC858
-30
Emitter-Base Voltage
BC856
VEBO
-5
V
BC857
-5
BC858
-5
Collector Current
IC
-100
mA
Emitter Current
IE
100
mA
Collector Power Dissipation
PC *
350
mW
Junction Temperature
Tj
150
℃
Storage Temperature Range
Tstg
-55
~150
℃
MARK SPEC
Type Name
Marking
Lot No.
P
C* : Package Mounted On 99.5% Alumina 10×8×0.6mm.
TYPE
BC856A
BC856B
BC857A
BC857B
BC857C
BC858A
BC858B
BC858C
MARK
3A
3B
3E
3F
3G
3J
3K
3L


Similar Part No. - BC857

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC857 PHILIPS-BC857 Datasheet
47Kb / 8P
PNP general purpose transistors
1999 Apr 12
logo
STMicroelectronics
BC857 STMICROELECTRONICS-BC857 Datasheet
44Kb / 5P
SMALL SIGNAL PNP TRANSISTORS
Oct-1997
logo
Fairchild Semiconductor
BC857 FAIRCHILD-BC857 Datasheet
68Kb / 5P
Switching and Amplifier Applications
logo
General Semiconductor
BC857 GE-BC857 Datasheet
231Kb / 6P
Small Signal Transistors (PNP)
logo
AUK corp
BC857 AUK-BC857 Datasheet
92Kb / 3P
PNP Silicon Transistor (General purpose application Switching application)
More results

Similar Description - BC857

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
2N2906E KEC-2N2906E Datasheet
51Kb / 4P
EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, SWITCHING)
2N3906U KEC-2N3906U Datasheet
186Kb / 2P
EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, SWITCHING)
BC856W KEC-BC856W Datasheet
248Kb / 3P
EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, SWITCHING)
BSS63 KEC-BSS63 Datasheet
59Kb / 1P
EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, SWITCHING)
KN2907S KEC-KN2907S Datasheet
261Kb / 3P
EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, SWITCHING)
KN3905S KEC-KN3905S Datasheet
199Kb / 3P
EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, SWITCHING)
KTA1504 KEC-KTA1504 Datasheet
260Kb / 2P
EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, SWITCHING)
KTA501E KEC-KTA501E Datasheet
398Kb / 3P
EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, SWITCHING)
KTA701U KEC-KTA701U Datasheet
398Kb / 3P
EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, SWITCHING)
KTA712U KEC-KTA712U Datasheet
79Kb / 3P
EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, SWITCHING)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com