Electronic Components Datasheet Search
  English  ▼

X  

ST180S20P2L Datasheet(PDF) 9 Page - International Rectifier

Part # ST180S20P2L
Description  PHASE CONTROL THYRISTORS Stud Version
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ST180S20P2L Datasheet(HTML) 9 Page - International Rectifier

Back Button ST180S20P2L Datasheet HTML 2Page - International Rectifier ST180S20P2L Datasheet HTML 3Page - International Rectifier ST180S20P2L Datasheet HTML 4Page - International Rectifier ST180S20P2L Datasheet HTML 5Page - International Rectifier ST180S20P2L Datasheet HTML 6Page - International Rectifier ST180S20P2L Datasheet HTML 7Page - International Rectifier ST180S20P2L Datasheet HTML 8Page - International Rectifier ST180S20P2L Datasheet HTML 9Page - International Rectifier ST180S20P2L Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
ST180S Series
23
Fast-on Terminals
Case Style TO-209AB (TO-93)
All dimensions in millimeters (inches)
Outline Table
2
WHITE SHRINK
RED SHRINK
RED CATHODE
RED SILICON RUBBER
+I
C.S. 0.4mm
(0.0006 s.i.)
4.3 (0.17) DIA.
19 (0.75) MAX.
8.5 (0.33) DIA.
+-
GLASS METAL SEAL
28.5 (1.12) MAX. DIA.
220 (8.66)
10 (0.39)
* FOR METRIC DEVICE : M16 x 1.5 - LENGHT 21 (0.83) MAX.
SW 32
C.S. 25mm 2
(0.039 s.i.)
FLEXIBLE LEAD
4 (0.16) MAX.
35 (1.38) MAX.
3/4"-16UNF-2A *
WHITE GATE
2
WHITE SHRINK
RED SHRINK
RED CATHODE
RED SILICON RUBBER
+I
C.S. 0.4mm
(0.0006 s.i.)
+
-
220 (8.66)
10 (0.39)
CERAMIC HOUSING
4.3 (0.17) DIA.
19 (0.75) MAX.
8.5 (0.33) DIA.
* FOR METRIC DEVICE : M16 x 1.5 - LENGHT 21 (0.83) MAX.
C.S. 25mm
2
(0.039 s.i.)
FLEXIBLE LEAD
4 (0.16) MAX.
35 (1.38) MAX.
3/4"-16UNF-2A *
SW 32
27.5 (1.08) MAX. DIA.
WHITE GATE
AMP. 280000-1
REF-250
To Order
Next Data Sheet
Index
Previous Datasheet



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com