Electronic Components Datasheet Search
  English  ▼

X  

AN2590 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN2590
Description  20 W dimmable CFL ballast solution
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2590 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN2590 Datasheet HTML 7Page - STMicroelectronics AN2590 Datasheet HTML 8Page - STMicroelectronics AN2590 Datasheet HTML 9Page - STMicroelectronics AN2590 Datasheet HTML 10Page - STMicroelectronics AN2590 Datasheet HTML 11Page - STMicroelectronics AN2590 Datasheet HTML 12Page - STMicroelectronics AN2590 Datasheet HTML 13Page - STMicroelectronics AN2590 Datasheet HTML 14Page - STMicroelectronics AN2590 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
AN2590
Test results
11/17
4
Test results
The evaluation results include the ballast system efficiency and the dimming characteristics
and performance of the power factor of the reference design board in addition to more
typical waveforms for evaluation boards.
The efficiency at full load in operating input voltage was higher than 80%, see Figure 12.
Figure 12.
Full load efficiency vs. AC line input
The triac turn on time per half cycle relates to the power dissipation of the lamp. The system
is operating at 220 VAC/50 Hz. Hence the maximum half cycle time is 10 ms. Theoretically,
the range of Ton is 10 ms to 0ms corresponding to the firing angle 0° to 180°. But under real
conditions the range of Ton is about 9 ms to 2 ms, see Figure 13.
Figure 13.
Triac turn-on time vs. power dissipation to the lamp
Figure 14 shows the input voltage and current at maximum turn-on time of the triac. A glitch
(circled on the waveform) always exists at each half cycle of the input voltage. A current
spike (circled on the waveform) occurs at each half cycle when line voltage reaches the
peak. Although it is not good for the power factor, it is suitable for this application as it
ensures that the voltage on C1 is not higher than the peak of the input voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com