Electronic Components Datasheet Search
  English  ▼

X  

BSS63 Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # BSS63
Description  EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, SWITCHING)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

BSS63 Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  BSS63 Datasheet HTML 1Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1998. 6. 15
1/1
SEMICONDUCTOR
TECHNICAL DATA
BSS63
EPITAXIAL PLANAR PNP TRANSISTOR
Revision No : 1
GENERAL PURPOSE APPLICATION.
SWITCHING APPLICATION.
MAXIMUM RATING (Ta=25 )
DIM
MILLIMETERS
1. EMITTER
2. BASE
3. COLLECTOR
SOT-23
A
B
C
D
E
2.93 0.20
1.30+0.20/-0.15
0.45+0.15/-0.05
2.40+0.30/-0.20
G
1.90
H
J
K
L
M
N
0.95
0.13+0.10/-0.05
0.00 ~ 0.10
0.55
0.20 MIN
1.00+0.20/-0.10
M
E
1
2
3
B
1.30 MAX
LL
PP
P7
+_
ELECTRICAL CHARACTERISTICS (Ta=25 )
Type Name
Marking
Lot No.
T6
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Collector-Emitter Breakdown Voltage
V(BR)CEO
IC=-10mA, IB=0
-100
-
-
V
Collector-Base Breakdown Voltage
V(BR)CBO
IC=-10 A, IE=0
-110
-
-
V
Emitter-Base Breakdown Voltage
V(BR)EBO
IE=-10 A, IC=0
-6
-
-
V
Collector Cut-off Current
ICBO
VCB=-90V, IE=0
-
-
-100
nA
VCB=-90V, IE=0, Ta=150
-
-
-50
A
Emitter Cut-off Current
IEBO
VEB=-5V, IC=0
-
-
-200
nA
DC Current Gain
hFE
VCE=-1V, IC=-10mA
30
-
-
VCE=-1V, IC=-25mA
30
-
-
Base-Emitter Saturation Voltage
VBE(sat)
IC=-25mA, IB=-2.5mA
-
-
-0.9
V
Collector-Emitter Saturation Voltage
VCE(sat)
IC=-25mA, IB=-2.5mA
-
-
-0.25
V
IC=-75mA, IB=-7.5mA
-
-
-0.9
Transition Frequency
fT
IC=-25mA, VCE=-5V, f=100MHz
50
-
-
MHz
Collector Output Capacitance
Cob
VCB=-10V, IE=0, f=1MHz
-
3
-
pF
CHARACTERISTIC
SYMBOL
RATING
UNIT
Collector-Base Voltage
VCBO
-110
V
Collector-Emitter Voltage
VCEO
-100
V
Emitter-Base Voltage
VEBO
-6
V
Collector Current
IC
-100
mA
Emitter Current
IE
100
mA
Collector Power Dissipation
PC
200
mW
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-65 150


Similar Part No. - BSS63

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BSS63 PHILIPS-BSS63 Datasheet
41Kb / 8P
PNP high-voltage transistor
1999 Apr 15
logo
STMicroelectronics
BSS63 STMICROELECTRONICS-BSS63 Datasheet
36Kb / 4P
SMALL SIGNAL PNP TRANSISTOR
Mar-1996
logo
Siemens Semiconductor G...
BSS63 SIEMENS-BSS63 Datasheet
139Kb / 4P
PNP Silicon AF and Switching Transistors (For general AF applications High breakdown voltage)
logo
Fairchild Semiconductor
BSS63 FAIRCHILD-BSS63 Datasheet
61Kb / 4P
PNP General Purpose Amplifier
logo
Infineon Technologies A...
BSS63 INFINEON-BSS63 Datasheet
50Kb / 5P
PNP Silicon AF an Swiching Transistors
Jul-10-2001
More results

Similar Description - BSS63

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
2N2906E KEC-2N2906E Datasheet
51Kb / 4P
EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, SWITCHING)
2N3906U KEC-2N3906U Datasheet
186Kb / 2P
EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, SWITCHING)
BC327 KEC-BC327 Datasheet
267Kb / 2P
EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, SWITCHING)
BC856W KEC-BC856W Datasheet
248Kb / 3P
EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, SWITCHING)
KN2907S KEC-KN2907S Datasheet
261Kb / 3P
EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, SWITCHING)
KN3905S KEC-KN3905S Datasheet
199Kb / 3P
EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, SWITCHING)
KTA1504 KEC-KTA1504 Datasheet
260Kb / 2P
EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, SWITCHING)
KTA501E KEC-KTA501E Datasheet
398Kb / 3P
EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, SWITCHING)
KTA701U KEC-KTA701U Datasheet
398Kb / 3P
EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, SWITCHING)
KTA712U KEC-KTA712U Datasheet
79Kb / 3P
EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, SWITCHING)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com