Electronic Components Datasheet Search
  English  ▼

X  

AN2648 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN2648
Description  Increasing the resolution of analog temperature sensors
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2648 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN2648 Datasheet HTML 4Page - STMicroelectronics AN2648 Datasheet HTML 5Page - STMicroelectronics AN2648 Datasheet HTML 6Page - STMicroelectronics AN2648 Datasheet HTML 7Page - STMicroelectronics AN2648 Datasheet HTML 8Page - STMicroelectronics AN2648 Datasheet HTML 9Page - STMicroelectronics AN2648 Datasheet HTML 10Page - STMicroelectronics AN2648 Datasheet HTML 11Page - STMicroelectronics AN2648 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
STLM20 temperature-to-output transfer function
AN2648
8/15
Equation 3
The ADC inside the microprocessor is shown in Figure 7.
Figure 7.
ADC in microprocessor
For the ADC output, we have the following, where INT means the integer portion of the
expression:
Substituting Equation 3, we get:
Rearranging, and ignoring the integer notation for now, we get:
T
R1
R3
0.01169
R1
R3
1.8663
R1
R2)
(R4
R4
R1)
R3
(
V2
V
OUT
⋅
⋅
+
⋅
−
+
+
⋅
=
MICROCONTROLLER
A/D
8-bit
CPU
MEM
I/O
VCC = 5V
VOUT
VADC
ai13991
V
V
255
INT
V
OUT
CC
ADC
⎥
⎦
⎤
⎢
⎣
⎡
=
T
R1
R3
0.01169
R1
R3
1.8663
R1
R2)
(R4
R4
R1)
R3
(
V2
V
255
INT
V
CC
ADC
⎥
⎦
⎤
⎢
⎣
⎡
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
⋅
⋅
+
⋅
−
+
+
⋅
=
T
R1
R3
0.01169
R1
R3
1.8663
R1
R2)
(R4
R4
R1)
R3
(
V2
255
V
V
CC
ADC
⋅
⋅
+
⋅
−
+
+
⋅
=
⋅



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com