Electronic Components Datasheet Search
  English  ▼

X  

BSS64 Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # BSS64
Description  EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE, SWITCHING)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

BSS64 Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  BSS64 Datasheet HTML 1Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1998. 6. 15
1/1
SEMICONDUCTOR
TECHNICAL DATA
BSS64
EPITAXIAL PLANAR NPN TRANSISTOR
Revision No : 1
GENERAL PURPOSE APPLICATION.
SWITCHING APPLICATION.
MAXIMUM RATING (Ta=25 )
DIM
MILLIMETERS
1. EMITTER
2. BASE
3. COLLECTOR
SOT-23
A
B
C
D
E
2.93 0.20
1.30+0.20/-0.15
0.45+0.15/-0.05
2.40+0.30/-0.20
G
1.90
H
J
K
L
M
N
0.95
0.13+0.10/-0.05
0.00 ~ 0.10
0.55
0.20 MIN
1.00+0.20/-0.10
M
E
1
2
3
B
1.30 MAX
LL
PP
P7
+_
ELECTRICAL CHARACTERISTICS (Ta=25 )
Type Name
Marking
Lot No.
U6
CHARACTERISTIC
SYMBOL
RATING
UNIT
Collector-Base Voltage
VCBO
120
V
Collector-Emitter Voltage
VCEO
80
V
Emitter-Base Voltage
VEBO
5
V
Collector Current
IC
100
mA
Emitter Current
IE
-100
mA
Collector Power Dissipation
PC
200
mW
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-65 150
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Collector-Emitter Breakdown Voltage
V(BR)CEO
IC=4mA, IB=0
80
-
-
V
Collector-Base Breakdown Voltage
V(BR)CBO
IC=100 A, IE=0
120
-
-
V
Emitter-Base Breakdown Voltage
V(BR)EBO
IE=100 A, IC=0
5.0
-
-
V
Collector Cut-off Current
ICBO
VCB=90V, IE=0
-
-
100
nA
VCB=90V, IE=0, Ta=150
-
-
50
A
Emitter Cut-off Current
IEBO
VEB=5V, IC=0
-
-
200
nA
DC Current Gain
hFE
VCE=1V, IC=1mA
-
60
-
VCE=1V, IC=4mA
20
-
-
VCE=1V, IC=10mA
-
80
-
VCE=1V, IC=20mA
-
55
-
Base-Emitter Saturation Voltage
VBE(sat)
IC=4mA, IB=0.4mA
-
-
1.2
V
Collector-Emitter Saturation Voltage
VCE(sat)
IC=4mA, IB=0.4mA
-
-
0.15
V
IC=50mA, IB=15mA
-
-
0.2
Transition Frequency
fT
VCE=10V, IC=4mA, f=100MHz
60
-
-
MHz
Collector Output Capacitance
Cob
VCB=10V, IE=0, f=1MHz
-
-
5.0
pF


Similar Part No. - BSS64

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BSS64 PHILIPS-BSS64 Datasheet
41Kb / 8P
NPN high-voltage transistor
1999 Apr 15
logo
Siemens Semiconductor G...
BSS64 SIEMENS-BSS64 Datasheet
140Kb / 4P
NPN Silicon AF and Switching Transistor (High breakdown voltage Low collector-emitter saturation voltage)
logo
Fairchild Semiconductor
BSS64 FAIRCHILD-BSS64 Datasheet
62Kb / 5P
NPN General Purpose Amplifier
logo
Infineon Technologies A...
BSS64 INFINEON-BSS64 Datasheet
50Kb / 5P
NPN Silicon AF and Switching Transistors
Aug-20-2001
logo
Diotec Semiconductor
BSS64 DIOTEC-BSS64 Datasheet
173Kb / 2P
Surface mount Si-Epitaxial PlanarTransistors
More results

Similar Description - BSS64

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
2N2904E KEC-2N2904E Datasheet
51Kb / 4P
EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE, SWITCHING)
2N3904 KEC-2N3904 Datasheet
192Kb / 2P
EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE, SWITCHING)
2N3904C KEC-2N3904C Datasheet
205Kb / 2P
EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE, SWITCHING)
BC338 KEC-BC338 Datasheet
275Kb / 2P
EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE, SWITCHING)
BC849 KEC-BC849 Datasheet
146Kb / 1P
EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE, SWITCHING)
KN2222S KEC-KN2222S Datasheet
268Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE, SWITCHING)
KN4400S KEC-KN4400S Datasheet
195Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE, SWITCHING)
KTC3114 KEC-KTC3114 Datasheet
395Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE, SWITCHING)
KTC812E KEC-KTC812E Datasheet
78Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE, SWITCHING)
KTN2222 KEC-KTN2222 Datasheet
471Kb / 5P
EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE, SWITCHING)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com