Electronic Components Datasheet Search
  English  ▼

X  

AN2728 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN2728
Description  ST1S12 small synchronous buck converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2728 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN2728 Datasheet HTML 4Page - STMicroelectronics AN2728 Datasheet HTML 5Page - STMicroelectronics AN2728 Datasheet HTML 6Page - STMicroelectronics AN2728 Datasheet HTML 7Page - STMicroelectronics AN2728 Datasheet HTML 8Page - STMicroelectronics AN2728 Datasheet HTML 9Page - STMicroelectronics AN2728 Datasheet HTML 10Page - STMicroelectronics AN2728 Datasheet HTML 11Page - STMicroelectronics AN2728 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
Selecting components for your applications
AN2728
8/20
You must choose the resistor divider according to the following equation:
Equation 1
with VFB = 0.6 V.
Figure 9 shows the feedback voltage versus temperature.
We suggest using a resistor with values in the range of 10 k
Ω to 100 kΩ. Lower values are
suitable as well but increase current consumption.
For output voltages close to the feedback voltage, we suggest adding a very small capacitor
in parallel with R1 in the range of 10 pF. As an alternative, we suggest increasing the current
in the resistor divider by decreasing the R1 and R2 value.
2.2
Input capacitor
The input capacitor must be able to support the maximum input operating voltage and the
maximum RMS input current.
Since step-down converters draw current from the input in pulses, the input current is
squared and the height of each pulse is equal to the output current. The input capacitor has
to absorb switching current that can be as high as the load current divided by two (worst
case, with duty cycle of 50 %). For this reason, the quality of these capacitors has to be very
high to minimize its power dissipation generated by the internal ESR, thus improving the
system reliability and efficiency. The critical parameter is usually the RMS current rating,
which must be higher than the RMS input current. The maximum RMS input current (flowing
through the input capacitor) is:
Equation 2
where
η is the expected system efficiency, D is the duty cycle and IOUT the output DC
current. This function reaches its maximum value at D = 0.5 and the equivalent RMS current
is equal to IOUT divided by 2 (considering η= 1).
+
=
2
1
FB
OUT
R
R
1
V
V
[]
+
=
2
1
FB
OUT
R
R
1
V
V
[]
Figure 9.
Feedback voltage vs. temperature
550
570
590
610
630
650
-75
-50
-25
0
25
50
75
100
125
150
175
T [°C]
V
IN = 3.6 V, IOUT = 10 mA
550
570
590
610
630
650
-75
-50
-25
0
25
50
75
100
125
150
175
T [°C]
V
IN = 3.6 V, IOUT = 10 mA
η
D
η
D
2
D
I
I
2
2
OUT
RMS
+
×
-
×
=
η
D
η
D
2
D
I
I
2
2
OUT
RMS
+
×
-
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com