Electronic Components Datasheet Search
  English  ▼

X  

AN2768 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN2768
Description  LIS331DL 3-axis digital MEMS accelerometer
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2768 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN2768 Datasheet HTML 9Page - STMicroelectronics AN2768 Datasheet HTML 10Page - STMicroelectronics AN2768 Datasheet HTML 11Page - STMicroelectronics AN2768 Datasheet HTML 12Page - STMicroelectronics AN2768 Datasheet HTML 13Page - STMicroelectronics AN2768 Datasheet HTML 14Page - STMicroelectronics AN2768 Datasheet HTML 15Page - STMicroelectronics AN2768 Datasheet HTML 16Page - STMicroelectronics AN2768 Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
Examples
AN2768
14/17
3.3
Playing with CLICK_Window
In cases of double click recognition, the CLICK _Latency + CLICK_Window defines the
maximum distance between two consecutive clicks to be recognized as a double click event.
By fixing the latency to avoid spurious bouncing of the signal, one can play with the
CLICK_Window as with the “double-click speed” settings of the mouse properties on the
PC.
Figure 8 shows an acquisition done with CLICK_Window = 10h (10 ms). With this setting the
two consecutive peaks of acceleration are too far apart and the second one occurs outside
of the Window.
In Figure 9 an acquisition carried out with CLICK_Window = ffh (255 ms) is shown. With this
setting the device correctly generates the double click interrupt after the second acceleration
peak.
Figure 8.
Short Window



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com