Electronic Components Datasheet Search
  English  ▼

X  

E25A2CPR Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # E25A2CPR
Description  STACK SILICON DIFFUSED DIODE (ALTERNATOR DIODE FOR AUTOMOTIVE)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

E25A2CPR Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  E25A2CPR Datasheet HTML 1Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1998. 2. 19
1/1
SEMICONDUCTOR
TECHNICAL DATA
E25A2CPS, E25A2CPR
STACK SILICON DIFFUSED DIODE
Revision No : 0
ALTERNATOR DIODE FOR AUTOMOTIVE APPLICATION.
FEATURES
Average Forward Current : IO=25A.
Reverse Voltage : 200V(Min.)
POLARITY
E25A2CPS (+ Type)
E25A2CPR (- Type)
MAXIMUM RATING (Ta=25 )
DIM MILLIMETERS
A
B
D
E
1.55
PF
Φ11.7+0.1/-0
3.85+0/-0.2
Φ1.45 0.1
D
E
F1
F2
A
0.5
3.1
8.4 MAX
G
F2
L1
0.32
MILLIMETERS
DIM
F1
L2
DIM
MILLIMETERS
TYPE
R
S
POLARITY
21.5+0/-1.5
17.5+0/-1.5
+_
ELECTRICAL CHARACTERISTICS (Ta=25 )
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Peak Forward Voltage
VFM
IFM=100A
-
-
1.18
V
Reverse Voltage
VRM
IR=5mA
200
-
-
V
Repetitive Peak Reverse Current
IRRM
VR=200V
-
-
50
A
Reverse Recovery Time
trr
IF=-IR 100mA
-
-
15
S
Transient Thermal Resistance
VF
IFM=100A, Im=100mA,
Pt=100mS
-
-
150
mV
Reverse Leakage Current Under
High Temperature
HIR
Ta=150 , VR=VRM
-
-
2.5
mA
Temperature Resistance
Rth
Junction to Case
-
-
0.93
/W
Junction to Fin
-
-
1.13
CHARACTERISTIC
SYMBOL
RATING
UNIT
Repetitive Peak
Reverse Voltage
VRRM
200
V
Non-Repetitive Peak
Reverse Voltage
PRM
1.35
(Pulse duration 30 S
Non-repetitive)
kW
Average Forward Current
IF(AV)
25
A
Peak 1 Cycle Surge Current
IFSM
250
(10mS Condition
Half sine wave 1 cycle)
A
Junction Temperature
Tj
-40 200
Storage Temperature Range
Tstg
-40 200


Similar Part No. - E25A2CPR

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
E25A2CR KEC-E25A2CR Datasheet
446Kb / 2P
ALTERNATOR DIODE FOR AUTOMOTIVE APPLICATION
E25A2CR KEC-E25A2CR Datasheet
448Kb / 2P
STACK SILICON DIFFUSED DIODE
E25A2CS KEC-E25A2CS Datasheet
446Kb / 2P
ALTERNATOR DIODE FOR AUTOMOTIVE APPLICATION
E25A2CS KEC-E25A2CS_15 Datasheet
448Kb / 2P
STACK SILICON DIFFUSED DIODE
More results

Similar Description - E25A2CPR

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
E30A27VS KEC-E30A27VS Datasheet
389Kb / 2P
STACK SILICON DIFFUSED DIODE (ALTERNATOR DIODE FOR AUTOMOTIVE)
E30A2CDS KEC-E30A2CDS Datasheet
373Kb / 1P
STACK SILICON DIFFUSED DIODE (ALTERNATOR DIODE FOR AUTOMOTIVE)
E30A2CS KEC-E30A2CS Datasheet
387Kb / 2P
STACK SILICON DIFFUSED DIODE (ALTERNATOR DIODE FOR AUTOMOTIVE)
E30A37VPS KEC-E30A37VPS Datasheet
374Kb / 1P
STACK SILICON DIFFUSED DIODE (ALTERNATOR DIODE FOR AUTOMOTIVE)
E35A21VBS KEC-E35A21VBS Datasheet
194Kb / 1P
STACK SILICON DIFFUSED DIODE (ALTERNATOR DIODE FOR AUTOMOTIVE)
E35A27VBS KEC-E35A27VBS Datasheet
193Kb / 1P
STACK SILICON DIFFUSED DIODE (ALTERNATOR DIODE FOR AUTOMOTIVE)
E35A37VBS KEC-E35A37VBS Datasheet
64Kb / 1P
STACK SILICON DIFFUSED DIODE (ALTERNATOR DIODE FOR AUTOMOTIVE)
E50A21VBS KEC-E50A21VBS Datasheet
194Kb / 1P
STACK SILICON DIFFUSED DIODE (ALTERNATOR DIODE FOR AUTOMOTIVE)
E50A27VBS KEC-E50A27VBS Datasheet
194Kb / 1P
STACK SILICON DIFFUSED DIODE (ALTERNATOR DIODE FOR AUTOMOTIVE)
E50A37VBS KEC-E50A37VBS Datasheet
64Kb / 1P
STACK SILICON DIFFUSED DIODE (ALTERNATOR DIODE FOR AUTOMOTIVE)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com