Electronic Components Datasheet Search
  English  ▼

X  

AN2783 Datasheet(PDF) 16 Page - STMicroelectronics

Part # AN2783
Description  PM8800 demonstration kit for standard and high power PoE
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2783 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button AN2783 Datasheet HTML 12Page - STMicroelectronics AN2783 Datasheet HTML 13Page - STMicroelectronics AN2783 Datasheet HTML 14Page - STMicroelectronics AN2783 Datasheet HTML 15Page - STMicroelectronics AN2783 Datasheet HTML 16Page - STMicroelectronics AN2783 Datasheet HTML 17Page - STMicroelectronics AN2783 Datasheet HTML 18Page - STMicroelectronics AN2783 Datasheet HTML 19Page - STMicroelectronics AN2783 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 47 page
background image
Power-up sequence
AN2783
16/47
6
Power-up sequence
It is recommended to apply power at the PoE input first, slowly increasing the voltage to
verify the absence of abnormal input current levels.
From 1.5 V to 11.5 V input, the signature phase, the PM8800 presents a 24.5 k
Ω nominal
resistor as load.
After that in the range 11.5 V to 23 V, the classification phase, the PM8800 draws about 1.5
mA plus the current fixed with the classification resistance, if mounted.
After those two steps are verified, the voltage can be increased to 48 V typical.
Two green LEDs indicate proper operation of the PoE and DC/DC section of the PM8800
demonstration kit. D15 is the nPGD LED and is on when the internal hot-swap MOSFET is
closed, while D11 indicates the presence of the output voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com