Electronic Components Datasheet Search
  English  ▼

X  

E35A2CBS Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # E35A2CBS
Description  STACK SILICON DIFFUSED DIODE (ALTERNATOR DIODE FOR AUTOMOTIVE)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

E35A2CBS Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  E35A2CBS Datasheet HTML 1Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2002. 4. 9
1/1
SEMICONDUCTOR
TECHNICAL DATA
E35A2CBS, E35A2CBR
STACK SILICON DIFFUSED DIODE
Revision No : 2
DIM
MILLIMETERS
B-PF
Φ11.5 MAX
Φ12.75+0.09-0.00
Φ1.3 0.04
4.2 0.2
8.0 0.2
TYP 0.5
Φ10.0 0.2
0.4 0.1x45
0.2+0.1
28.35 0.5
A
8.5 MAX
H
B
C
D
E
F
G
H
I
J
K
F
E I
D
G
B
J
K
A
+_
+_
+_
+_
+_
+_
ALTERNATOR DIODE FOR AUTOMOTIVE APPLICATION.
FEATURES
・Average Forward Current : IO=35A.
・Repetive Peak Reverse Voltage : VRRM=200V
POLARITY
E35A2CBS E35A2CBR
(+ Type)
(- Type)
MAXIMUM RATING (Ta=25℃)
ELECTRICAL CHARACTERISTICS (Ta=25℃)
CHARACTERISTIC
SYMBOL
RATING
UNIT
Average Forward Current
IF(AV)
35
A
Peak 1 Cycle Surge Current
IFSM
300 (60Hz)
A
Repetitive Peak Revese Voltage
VRRM
200
V
Junction Temperature
Tj
-40~215
℃
Storage Temperature Range
Tstg
-40~215
℃
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Forward Voltage
VF
IFM=100A
-
-
1.10
V
Reverse Voltage
VR
IR=5mA
200
-
-
V
Reverse Current
IR
VR=200V
-
-
50
μA
Transient Thermal Resistance
ΔVF
IFM=100A, IM=100mA, Pw=100ms
-
-
100
mV
Reverse Leakage Current Under
High Temperature
HIR
Ta=150℃, VR=200V
-
-
2.5
mA
Reverse Recovery Time
trr
IF=0.1A, IR=0.1A
-
-
15
μs
Temperature Resistance
Rth
DC total Junction to case
-
-
0.8
℃/W


Similar Part No. - E35A2CBS

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
E35A2CBS KEC-E35A2CBS_15 Datasheet
35Kb / 1P
STACK SILICON DIFFUSED DIODE
More results

Similar Description - E35A2CBS

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
E25A2CPS KEC-E25A2CPS Datasheet
58Kb / 1P
STACK SILICON DIFFUSED DIODE (ALTERNATOR DIODE FOR AUTOMOTIVE)
E30A27VS KEC-E30A27VS Datasheet
389Kb / 2P
STACK SILICON DIFFUSED DIODE (ALTERNATOR DIODE FOR AUTOMOTIVE)
E30A2CDS KEC-E30A2CDS Datasheet
373Kb / 1P
STACK SILICON DIFFUSED DIODE (ALTERNATOR DIODE FOR AUTOMOTIVE)
E30A2CS KEC-E30A2CS Datasheet
387Kb / 2P
STACK SILICON DIFFUSED DIODE (ALTERNATOR DIODE FOR AUTOMOTIVE)
E30A37VPS KEC-E30A37VPS Datasheet
374Kb / 1P
STACK SILICON DIFFUSED DIODE (ALTERNATOR DIODE FOR AUTOMOTIVE)
E35A27VBS KEC-E35A27VBS Datasheet
193Kb / 1P
STACK SILICON DIFFUSED DIODE (ALTERNATOR DIODE FOR AUTOMOTIVE)
E35A37VBS KEC-E35A37VBS Datasheet
64Kb / 1P
STACK SILICON DIFFUSED DIODE (ALTERNATOR DIODE FOR AUTOMOTIVE)
E50A21VBS KEC-E50A21VBS Datasheet
194Kb / 1P
STACK SILICON DIFFUSED DIODE (ALTERNATOR DIODE FOR AUTOMOTIVE)
E50A27VBS KEC-E50A27VBS Datasheet
194Kb / 1P
STACK SILICON DIFFUSED DIODE (ALTERNATOR DIODE FOR AUTOMOTIVE)
E50A37VBS KEC-E50A37VBS Datasheet
64Kb / 1P
STACK SILICON DIFFUSED DIODE (ALTERNATOR DIODE FOR AUTOMOTIVE)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com