Electronic Components Datasheet Search
  English  ▼

X  

ST180S20P2VL Datasheet(PDF) 7 Page - International Rectifier

Part # ST180S20P2VL
Description  PHASE CONTROL THYRISTORS Stud Version
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ST180S20P2VL Datasheet(HTML) 7 Page - International Rectifier

Back Button ST180S20P2VL Datasheet HTML 2Page - International Rectifier ST180S20P2VL Datasheet HTML 3Page - International Rectifier ST180S20P2VL Datasheet HTML 4Page - International Rectifier ST180S20P2VL Datasheet HTML 5Page - International Rectifier ST180S20P2VL Datasheet HTML 6Page - International Rectifier ST180S20P2VL Datasheet HTML 7Page - International Rectifier ST180S20P2VL Datasheet HTML 8Page - International Rectifier ST180S20P2VL Datasheet HTML 9Page - International Rectifier ST180S20P2VL Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
ST180S Series
23
dv/dt
Maximum critical rate of rise of
off-state voltage
I
DRM
Max. peak reverse and off-state
I
RRM
leakage current
Blocking
500
V/µs
T
J
= T
J
max linear to 80% rated V
DRM
Parameter
ST180S
Units Conditions
30
mA
T
J
= T
J
max, rated V
DRM
/V
RRM
applied
P
GM
Maximum peak gate power
10
T
J
= T
J
max, t
p ≤
5ms
P
G(AV)
Maximum average gate power
2.0
T
J
= T
J
max, f = 50Hz, d% = 50
I
GM
Max. peak positive gate current
3.0
A
T
J
= T
J
max, t
p ≤
5ms
+V
GM
Maximum peak positive
gate voltage
-V
GM
Maximum peak negative
gate voltage
I
GT
DC gate current required
T
J
= - 40°C
to trigger
mA
T
J
= 25°C
T
J
= 125°C
V
GT
DC gate voltage required
T
J
= - 40°C
to trigger
V
T
J
= 25°C
T
J
= 125°C
I
GD
DC gate current not to trigger
10
mA
Parameter
ST180S
Units Conditions
20
5.0
Triggering
V
GD
DC gate voltage not to trigger
0.25
V
T
J
= T
J
max
TYP.
MAX.
180
-
90
150
40
-
2.9
-
1.8
3.0
1.2
-
Max. gate current/ voltage not to
trigger is the max. value which
will not trigger any unit with rated
V
DRM
anode-to-cathode applied
Max. required gate trigger/ cur-
rent/ voltage are the lowest value
which will trigger all units 12V
anode-to-cathode applied
W
V
T
J
= T
J
max, t
p ≤
5ms
T
J
Max. operating temperature range
-40 to 125
T
stg
Max. storage temperature range
-40 to 150
R
thJC
Max. thermal resistance,
junction to case
R
thCS
Max. thermal resistance,
case to heatsink
T
Mounting torque, ± 10%
31
(275)
24.5
(210)
wt
Approximate weight
280
g
Case style
TO - 209AB (TO-93)
See Outline Table
Parameter
ST180S
Units
Conditions
0.105
DC operation
0.04
Mounting surface, smooth, flat and greased
Thermal and Mechanical Specification
°C
K/W
Nm
(lbf-in)
Lubricated threads
Non lubricated threads
To Order
Next Data Sheet
Index
Previous Datasheet



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com