Electronic Components Datasheet Search
  English  ▼

X  

KDR322 Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # KDR322
Description  SILICON EPITAXIAL SCHOTTKY BARRIER TYPE DIODE(LOW VOLTAGE HIGH SPEED SWITCHING)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KDR322 Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  KDR322 Datasheet HTML 1Page - KEC(Korea Electronics) KDR322 Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2001. 12. 4
1/2
SEMICONDUCTOR
TECHNICAL DATA
KDR322
SILICON EPITAXIAL
SCHOTTKY BARRIER TYPE DIODE
Revision No : 2
LOW VOLTAGE HIGH SPEED SWITCHING.
FEATURES
Low Forward Voltage : VF=0.54V (Typ.).
Low Reverse Current : IR=5 A (Max.).
Small Package : USM.
MAXIMUM RATING (Ta=25 )
DIM
MILLIMETERS
A
B
D
E
1. N.C
2. ANODE
3. CATHODE
USM
2.00 0.20
1.25 0.15
0.90 0.10
0.3+0.10/-0.05
2.10 0.20
0.65
0.15+0.1/-0.06
1.30
0.00-0.10
0.70
C
G
H
J
K
L
K
1
3
2
E
B
D
H
MM
N
N
M
0.42 0.10
N
0.10 MIN
3
2
1
+_
+_
+_
+_
+_
ELECTRICAL CHARACTERISTICS (Ta=25 )
Marking
U L
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Forward Voltage
VF (1)
IF=1mA
-
0.28
-
V
VF (2)
IF=10mA
-
0.36
-
VF (3)
IF=100mA
-
0.54
0.60
Reverse Current
IR
VR=40V
-
-
5
A
Total Capacitance
CT
VR=0, f=1MHz
-
18
25
pF
CHARACTERISTIC
SYMBOL
RATING
UNIT
Maximum (Peak) Reverse Voltage
VRM
45
V
Reverse Voltage
VR
40
V
Maximum (Peak) Forward Current
IFM
300
mA
Average Forward Current
IO
100
mA
Power Dissipation
PD
100
mW
Junction Temperature
Tj
125
Storage Temperature Range
Tstg
-55 125


Similar Part No. - KDR322

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KDR322 KEC-KDR322 Datasheet
21Kb / 1P
USM PACKAGE
KDR322 KEC-KDR322_08 Datasheet
21Kb / 1P
USM PACKAGE
KDR322 KEC-KDR322_15 Datasheet
351Kb / 2P
SILICON EPITAXIAL SCHOTTKY BARRIER TYPE DIODE
More results

Similar Description - KDR322

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KDR367 KEC-KDR367 Datasheet
394Kb / 2P
SCHOTTKY BARRIER TYPE DIODE(LOW VOLTAGE HIGH SPEED SWITCHING)
KDR367E KEC-KDR367E Datasheet
392Kb / 2P
SCHOTTKY BARRIER TYPE DIODE(LOW VOLTAGE HIGH SPEED SWITCHING)
KDR368 KEC-KDR368 Datasheet
393Kb / 2P
SCHOTTKY BARRIER TYPE DIODE(LOW VOLTAGE HIGH SPEED SWITCHING)
KDR377 KEC-KDR377 Datasheet
387Kb / 2P
SCHOTTKY BARRIER TYPE DIODE(LOW VOLTAGE HIGH SPEED SWITCHING)
KDR377E KEC-KDR377E Datasheet
384Kb / 2P
SCHOTTKY BARRIER TYPE DIODE(LOW VOLTAGE HIGH SPEED SWITCHING)
KDR393 KEC-KDR393 Datasheet
380Kb / 2P
SCHOTTKY BARRIER TYPE DIODE(LOW VOLTAGE HIGH SPEED SWITCHING)
KDR393S KEC-KDR393S Datasheet
380Kb / 2P
SCHOTTKY BARRIER TYPE DIODE(LOW VOLTAGE HIGH SPEED SWITCHING)
KDR728 KEC-KDR728 Datasheet
389Kb / 2P
SCHOTTKY BARRIER TYPE DIODE(LOW VOLTAGE HIGH SPEED SWITCHING)
KDR729 KEC-KDR729 Datasheet
388Kb / 2P
SCHOTTKY BARRIER TYPE DIODE(LOW VOLTAGE HIGH SPEED SWITCHING)
KDR784 KEC-KDR784 Datasheet
381Kb / 1P
SCHOTTKY BARRIER TYPE DIODE(LOW VOLTAGE HIGH SPEED SWITCHING)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com