Electronic Components Datasheet Search
  English  ▼

X  

KDR357 Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # KDR357
Description  SCHOTTKY BARRIER TYPE DIODE(LOW VOLTAGE HIGH SPEED SWITCHING)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KDR357 Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  KDR357 Datasheet HTML 1Page - KEC(Korea Electronics) KDR357 Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2003. 2. 25
1/2
SEMICONDUCTOR
TECHNICAL DATA
KDR357
SCHOTTKY BARRIER TYPE DIODE
Revision No : 3
LOW VOLTAGE HIGH SPEED SWITCHING.
FEATURES
Low Forward Voltage : VF(3)=0.43V(Typ.)
Low Reverse Current : IR=5 (Max.)
Small Package : USC.
MAXIMUM RATING (Ta=25 )
USC
DIM
MILLIMETERS
A
B
C
D
E
F
G
H
J
K
2.50 0.1
1.25 0.05
0.90 0.05
0.30+0.06/-0.04
1.70 0.05
MIN 0.17
0.126 0.03
0~0.1
0.15 0.05
0.4 0.05
2 +4/-2
L
M
4~6
I
1.0 MAX
M
M
I
C
J
G
D
2
1
B
1. ANODE
2. CATHODE
H
+_
+_
+_
+_
+_
+_
+_
* : Mounted on a glass epoxy circuit board of 20 20mm,
pad dimension of 4 4mm.
CHARACTERISTIC
SYMBOL
RATING
UNIT
Maximum (Peak) Reverse Voltage
VRM
45
V
Reverse Voltage
VR
40
V
Maximum (Peak) Forward Current
IFM
200
mA
Average Forward Current
IO
100
mA
Surge Current (10ms)
IFSM
1
A
Power Dissipation
PD
200*
mW
Junction Temperature
Tj
125
Storage Temperature Range
Tstg
-55 125
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Forward Voltage
VF(1)
IF=1mA
-
0.24
-
V
VF(2)
IF=10mA
-
0.31
-
VF(3)
IF=100mA
-
0.43
0.55
Reverse Current
IR
VR=40V
-
-
5
A
Total Capacitance
CT
VR=0V, f=1MHz
-
30
-
pF
ELECTRICAL CHARACTERISTICS (Ta=25 )
Type Name
Marking
L
U


Similar Part No. - KDR357

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KDR357 KEC-KDR357 Datasheet
21Kb / 1P
USC PACKAGE
KDR357 KEC-KDR357 Datasheet
51Kb / 2P
SCHOTTKY BARRIER TYPE DIODE
KDR357 KEC-KDR357_08 Datasheet
21Kb / 1P
USC PACKAGE
KDR357 KEC-KDR357_09 Datasheet
51Kb / 2P
SCHOTTKY BARRIER TYPE DIODE
KDR357 KEC-KDR357_15 Datasheet
353Kb / 2P
SCHOTTKY BARRIER TYPE DIODE
More results

Similar Description - KDR357

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KDR367 KEC-KDR367 Datasheet
394Kb / 2P
SCHOTTKY BARRIER TYPE DIODE(LOW VOLTAGE HIGH SPEED SWITCHING)
KDR367E KEC-KDR367E Datasheet
392Kb / 2P
SCHOTTKY BARRIER TYPE DIODE(LOW VOLTAGE HIGH SPEED SWITCHING)
KDR368 KEC-KDR368 Datasheet
393Kb / 2P
SCHOTTKY BARRIER TYPE DIODE(LOW VOLTAGE HIGH SPEED SWITCHING)
KDR377 KEC-KDR377 Datasheet
387Kb / 2P
SCHOTTKY BARRIER TYPE DIODE(LOW VOLTAGE HIGH SPEED SWITCHING)
KDR377E KEC-KDR377E Datasheet
384Kb / 2P
SCHOTTKY BARRIER TYPE DIODE(LOW VOLTAGE HIGH SPEED SWITCHING)
KDR393 KEC-KDR393 Datasheet
380Kb / 2P
SCHOTTKY BARRIER TYPE DIODE(LOW VOLTAGE HIGH SPEED SWITCHING)
KDR393S KEC-KDR393S Datasheet
380Kb / 2P
SCHOTTKY BARRIER TYPE DIODE(LOW VOLTAGE HIGH SPEED SWITCHING)
KDR728 KEC-KDR728 Datasheet
389Kb / 2P
SCHOTTKY BARRIER TYPE DIODE(LOW VOLTAGE HIGH SPEED SWITCHING)
KDR729 KEC-KDR729 Datasheet
388Kb / 2P
SCHOTTKY BARRIER TYPE DIODE(LOW VOLTAGE HIGH SPEED SWITCHING)
KDR784 KEC-KDR784 Datasheet
381Kb / 1P
SCHOTTKY BARRIER TYPE DIODE(LOW VOLTAGE HIGH SPEED SWITCHING)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com