Electronic Components Datasheet Search
  English  ▼

X  

KDR378 Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # KDR378
Description  SCHOTTKY BARRIER TYPE DIODE(HIGH SPEED SWITCHING)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KDR378 Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  KDR378 Datasheet HTML 1Page - KEC(Korea Electronics) KDR378 Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2001. 11. 29
1/2
SEMICONDUCTOR
TECHNICAL DATA
KDR378
SCHOTTKY BARRIER TYPE DIODE
Revision No : 2
HIGH SPEED SWITCHING.
FEATURES
Low Forward Voltage : VF=0.24(Typ.) IF=5mA
MAXIMUM RATING (Ta=25 )
DIM
MILLIMETERS
A
B
D
E
1. ANODE 1
2. ANODE 2
3. CATHODE
USM
2.00 0.20
1.25 0.15
0.90 0.10
0.3+0.10/-0.05
2.10 0.20
0.65
0.15+0.1/-0.06
1.30
0.00-0.10
0.70
C
G
H
J
K
L
K
1
3
2
E
B
D
H
MM
N
N
M
0.42 0.10
N
0.10 MIN
3
2
1
+_
+_
+_
+_
+_
* : Mounted on a glass epoxy circuit board of 20 20mm,
pad dimension of 4 4mm.
ELECTRICAL CHARACTERISTICS (Ta=25 )
Marking
X 3
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Forward Voltage
VF(1)
IF=1mA
-
0.19
-
V
VF(2)
IF=5mA
-
0.24
-
VF(3)
IF=100mA
-
0.39
0.50
Reverse Current
IR
VR=10V
-
-
20
A
Total Capacitance
CT
VR=0V, f=1MHz
-
14
30
pF
CHARACTERISTIC
SYMBOL
RATING
UNIT
Repetitive Peak Reverse Voltage
VRRM
15
V
Reverse Voltage
VR
10
V
Average Forward Current
IO
0.1
A
Non-repetitive Peak Surge Current
IFSM
1
A
Power Dissipation
PD
200*
mW
Junction Temperature
Tj
125
Storage Temperature Range
Tstg
-55 125


Similar Part No. - KDR378

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KDR378E KEC-KDR378E Datasheet
62Kb / 2P
SCHOTTKY BARRIER TYPE DIODE(HIGH SPEED SWITCHING)
KDR378E KEC-KDR378E_15 Datasheet
350Kb / 2P
SCHOTTKY BARRIER TYPE DIODE
KDR378 KEC-KDR378_15 Datasheet
352Kb / 2P
SCHOTTKY BARRIER TYPE DIODE
More results

Similar Description - KDR378

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KDR331 KEC-KDR331 Datasheet
65Kb / 2P
SCHOTTKY BARRIER TYPE DIODE(HIGH SPEED SWITCHING)
KDR331E KEC-KDR331E Datasheet
63Kb / 2P
SCHOTTKY BARRIER TYPE DIODE(HIGH SPEED SWITCHING)
KDR357 KEC-KDR357 Datasheet
386Kb / 2P
SCHOTTKY BARRIER TYPE DIODE(LOW VOLTAGE HIGH SPEED SWITCHING)
KDR367 KEC-KDR367 Datasheet
394Kb / 2P
SCHOTTKY BARRIER TYPE DIODE(LOW VOLTAGE HIGH SPEED SWITCHING)
KDR367E KEC-KDR367E Datasheet
392Kb / 2P
SCHOTTKY BARRIER TYPE DIODE(LOW VOLTAGE HIGH SPEED SWITCHING)
KDR368E KEC-KDR368E Datasheet
391Kb / 2P
SCHOTTKY BARRIER TYPE DIODE(LOW VOLTAGE HIGH SPEED SWITCHING)
KDR377E KEC-KDR377E Datasheet
384Kb / 2P
SCHOTTKY BARRIER TYPE DIODE(LOW VOLTAGE HIGH SPEED SWITCHING)
KDR378E KEC-KDR378E Datasheet
62Kb / 2P
SCHOTTKY BARRIER TYPE DIODE(HIGH SPEED SWITCHING)
KDR728 KEC-KDR728 Datasheet
389Kb / 2P
SCHOTTKY BARRIER TYPE DIODE(LOW VOLTAGE HIGH SPEED SWITCHING)
KDR728E KEC-KDR728E Datasheet
386Kb / 2P
SCHOTTKY BARRIER TYPE DIODE(LOW VOLTAGE HIGH SPEED SWITCHING)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com