Electronic Components Datasheet Search
  English  ▼

X  

KDR393S Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # KDR393S
Description  SCHOTTKY BARRIER TYPE DIODE(LOW VOLTAGE HIGH SPEED SWITCHING)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KDR393S Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  KDR393S Datasheet HTML 1Page - KEC(Korea Electronics) KDR393S Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2003. 2. 25
1/2
SEMICONDUCTOR
TECHNICAL DATA
KDR393S
SCHOTTKY BARRIER TYPE DIODE
Revision No : 1
Low Voltage High Speed Switching.
FEATURES
Low Forward Voltage : VF =0.60V(Max.)
Low Reverse Current : IR=5 A(Max.)
MAXIMUM RATING (Ta=25 )
DIM
MILLIMETERS
1. ANODE 1
2. ANODE 2
3. CATHODE 1, 2
SOT-23
A
B
C
D
E
2.93 0.20
1.30+0.20/-0.15
0.45+0.15/-0.05
2.40+0.30/-0.20
G
1.90
H
J
K
L
M
N
0.95
0.13+0.10/-0.05
0.00 ~ 0.10
0.55
0.20 MIN
1.00+0.20/-0.10
M
E
1
2
3
B
1.30 MAX
LL
PP
P
7
2
1
3
+_
ELECTRICAL CHARACTERISTICS (Ta=25 )
Type Name
Marking
Lot No.
R9
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Forward Voltage
VF
IF=10mA
-
0.36
-
V
IF=100mA
-
0.51
0.60
Reverse Current
IR
VR=40V
-
-
5
A
Total Capacitance
CT
VR=0V, f=1MHz
-
20
25
pF
CHARACTERISTIC
SYMBOL
RATING
UNIT
Repetitive Peak Reverse Voltage
VRRM
40
V
Reverse Voltage
VR
40
V
Average Forward Current
IO
0.1
A
Non-repetitive peak surge current
(10mA)
IFSM
1
A
Junction Temperature
Tj
125
Storage Temperature
Tstg
-55 125


Similar Part No. - KDR393S

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KDR393S KEC-KDR393S Datasheet
16Kb / 1P
SOT-23 PACKAGE
KDR393S KEC-KDR393S_06 Datasheet
16Kb / 1P
SOT-23 PACKAGE
More results

Similar Description - KDR393S

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KDR357 KEC-KDR357 Datasheet
386Kb / 2P
SCHOTTKY BARRIER TYPE DIODE(LOW VOLTAGE HIGH SPEED SWITCHING)
KDR367 KEC-KDR367 Datasheet
394Kb / 2P
SCHOTTKY BARRIER TYPE DIODE(LOW VOLTAGE HIGH SPEED SWITCHING)
KDR367E KEC-KDR367E Datasheet
392Kb / 2P
SCHOTTKY BARRIER TYPE DIODE(LOW VOLTAGE HIGH SPEED SWITCHING)
KDR368 KEC-KDR368 Datasheet
393Kb / 2P
SCHOTTKY BARRIER TYPE DIODE(LOW VOLTAGE HIGH SPEED SWITCHING)
KDR377 KEC-KDR377 Datasheet
387Kb / 2P
SCHOTTKY BARRIER TYPE DIODE(LOW VOLTAGE HIGH SPEED SWITCHING)
KDR377E KEC-KDR377E Datasheet
384Kb / 2P
SCHOTTKY BARRIER TYPE DIODE(LOW VOLTAGE HIGH SPEED SWITCHING)
KDR393 KEC-KDR393 Datasheet
380Kb / 2P
SCHOTTKY BARRIER TYPE DIODE(LOW VOLTAGE HIGH SPEED SWITCHING)
KDR728 KEC-KDR728 Datasheet
389Kb / 2P
SCHOTTKY BARRIER TYPE DIODE(LOW VOLTAGE HIGH SPEED SWITCHING)
KDR729 KEC-KDR729 Datasheet
388Kb / 2P
SCHOTTKY BARRIER TYPE DIODE(LOW VOLTAGE HIGH SPEED SWITCHING)
KDR784 KEC-KDR784 Datasheet
381Kb / 1P
SCHOTTKY BARRIER TYPE DIODE(LOW VOLTAGE HIGH SPEED SWITCHING)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com