Electronic Components Datasheet Search
  English  ▼

X  

KDR411 Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # KDR411
Description  SCHOTTKY BARRIER TYPE DIODE(LOW PWER RECTIFICATION, FOR SWITCHING POWER SUPPLY)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KDR411 Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  KDR411 Datasheet HTML 1Page - KEC(Korea Electronics) KDR411 Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2003. 2. 24
1/2
SEMICONDUCTOR
TECHNICAL DATA
KDR411
SCHOTTKY BARRIER TYPE DIODE
Revision No : 3
LOW POWER RECTIFICATION
FOR SWITCHING POWER SUPPLY.
FEATURES
Small Surface Mounting Type. (USM)
Low Forward Voltage : VF max=0.5V
High Reliability
CONSTRUCTION
Silicon epitaxial planar.
MAXIMUM RATING (Ta=25 )
DIM
MILLIMETERS
A
B
D
E
1. NC
2. ANODE
3. CATHODE
USM
2.00 0.20
1.25 0.15
0.90 0.10
0.3+0.10/-0.05
2.10 0.20
0.65
0.15+0.1/-0.06
1.30
0.00-0.10
0.70
C
G
H
J
K
L
K
1
3
2
E
B
D
H
MM
N
N
M
0.42 0.10
N
0.10 MIN
3
2
1
+_
+_
+_
+_
+_
ELECTRICAL CHARACTERISTICS (Ta=25 )
Marking
U 3
CHARACTERISTIC
SYMBOL
RATING
UNIT
Peak Reverse Voltage
VRM
40
V
DC Reverse Voltage
VR
20
V
Average Forward Current
IO
0.5
A
Peak Forward Surge Current
IFSM
3
A
Junction Temperature
Tj
125
Storage Temperature Range
Tstg
-40 +125
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Forward Voltage
VF (1)
IF=10mA
-
-
0.3
V
VF (2)
IF=500mA
-
-
0.5
V
Reverse Current
IR
VR=10V
-
-
30
A
Total Capacitance
CT
VR=10V, f=1MHz
-
20
-
pF


Similar Part No. - KDR411

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KDR411 KEC-KDR411 Datasheet
21Kb / 1P
USM PACKAGE
KDR411S KEC-KDR411S Datasheet
384Kb / 2P
SCHOTTKY BARRIER TYPE DIODE(LOW POWER RECTIFICATION, FOR SWITCHING POWER SUPPLY)
KDR411S KEC-KDR411S_15 Datasheet
436Kb / 2P
SCHOTTKY BARRIER TYPE DIODE
KDR411 KEC-KDR411_08 Datasheet
21Kb / 1P
USM PACKAGE
KDR411 KEC-KDR411_15 Datasheet
436Kb / 2P
SCHOTTKY BARRIER TYPE DIODE
More results

Similar Description - KDR411

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KDR400S KEC-KDR400S Datasheet
382Kb / 2P
SCHOTTKY BARRIER TYPE DIODE(HIGH FREQUENCY RECTIFICATION, SWITCHING SUPPLY)
KDR411S KEC-KDR411S Datasheet
384Kb / 2P
SCHOTTKY BARRIER TYPE DIODE(LOW POWER RECTIFICATION, FOR SWITCHING POWER SUPPLY)
KDR412 KEC-KDR412 Datasheet
388Kb / 2P
SCHOTTKY BARRIER TYPE DIODE(LOW POWER RECTIFICATION, FOR SWITCHING POWER SUPPLY)
SMAB13 KEC-SMAB13 Datasheet
382Kb / 2P
SCHOTTKY BARRIER TYPE DIODE (SWITCHING TYPE POWER SUPPLY)
SMAB14 KEC-SMAB14 Datasheet
382Kb / 2P
SCHOTTKY BARRIER TYPE DIODE (SWITCHING TYPE POWER SUPPLY)
SMAB16 KEC-SMAB16 Datasheet
382Kb / 2P
SCHOTTKY BARRIER TYPE DIODE (SWITCHING TYPE POWER SUPPLY)
SMAB210 KEC-SMAB210 Datasheet
382Kb / 2P
SCHOTTKY BARRIER TYPE DIODE (SWITCHING TYPE POWER SUPPLY)
SMAB33 KEC-SMAB33 Datasheet
382Kb / 2P
SCHOTTKY BARRIER TYPE DIODE (SWITCHING TYPE POWER SUPPLY)
SMAB34 KEC-SMAB34 Datasheet
382Kb / 2P
SCHOTTKY BARRIER TYPE DIODE (SWITCHING TYPE POWER SUPPLY)
SMAB36 KEC-SMAB36 Datasheet
382Kb / 2P
SCHOTTKY BARRIER TYPE DIODE (SWITCHING TYPE POWER SUPPLY)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com