Electronic Components Datasheet Search
  English  ▼

X  

KDR505S Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # KDR505S
Description  SCHOTTKY BARRIER TYPE DIODE(HIGH FREQUENCY RECTIFICATION)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KDR505S Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  KDR505S Datasheet HTML 1Page - KEC(Korea Electronics) KDR505S Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2003. 2. 25
2/2
KDR505S
Revision No : 1
REVERSE VOLTAGE V
(V)
R
C
- V
TR
I
- V
FF
F
FORWARD VOLTAGE V
(mV)
0
10
100
2
1
10
10
3
10
4
10
5
10
6
I
- V
R
REVERSE VOLTAGE V
(V)
010
RR
2
10
20
30
40
50
10
3
10
4
200
300
400
500
600
10
10
2
010
3
10
20
30
40



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com