Electronic Components Datasheet Search
  English  ▼

X  

AN2813 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN2813
Description  TDE1708DFT in IO-Link applications
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2813 Datasheet(HTML) 1 Page - STMicroelectronics

  AN2813 Datasheet HTML 1Page - STMicroelectronics AN2813 Datasheet HTML 2Page - STMicroelectronics AN2813 Datasheet HTML 3Page - STMicroelectronics AN2813 Datasheet HTML 4Page - STMicroelectronics AN2813 Datasheet HTML 5Page - STMicroelectronics AN2813 Datasheet HTML 6Page - STMicroelectronics AN2813 Datasheet HTML 7Page - STMicroelectronics AN2813 Datasheet HTML 8Page - STMicroelectronics AN2813 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
February 2011
Doc ID 14923 Rev 1
1/25
AN2813
Application note
TDE1708DFT in IO-Link applications
1
Introduction
This application note investigates the possibility of using a TDE1708DFT switch for the
physical layer transmitter realization of 3-wire IO-Link sensors.
The TDE1708DFT is an integrated power switch especially dedicated to proximity detectors.
It can deliver up to 250 mA, enables high-side and low-side configurations and includes
a number of protections.
According to the IO-Link Communication Specification (see Section 8: References -3. and
for the TDE1708DFT features - see Section 8: References - 1.) two basic slave transmitter
configurations were tested (see Figure 1):
p-switching (high-side) driver
p-switching driver with an additional n-switching (low-side) driver (push-pull operation)
Figure 1.
P-switching slave drive and p-switching with n-switching slave drive
In the following test arrangements the input load current (ILLM) is fixed to 10 mA which
represents the average master current sink value specified for a 3-wire system. The master
(CQM), slave (CQL), and line capacitances are set together at 4.7 nF, corresponding to the
maximum parasitic capacitance of the system.
www.st.com


Similar Part No. - AN2813

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN2810 STMICROELECTRONICS-AN2810 Datasheet
578Kb / 17P
6-row 85 mA LED driver with boost
26-May-2009
AN2811 STMICROELECTRONICS-AN2811 Datasheet
1Mb / 25P
High brightness LEDs are becoming a prominent source of lighting
16-Jun-2009
AN2815 STMICROELECTRONICS-AN2815 Datasheet
2Mb / 42P
High-efficiency step-down controller
20-Aug-2008
AN2816 STMICROELECTRONICS-AN2816 Datasheet
2Mb / 36P
High-efficiency step-down controller
20-Aug-2008
AN2818 STMICROELECTRONICS-AN2818 Datasheet
649Kb / 24P
NiMH battery charger demonstration board through USB based on the ST7FLIT15BY0
02-Apr-2009
More results

Similar Description - AN2813

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14821 MAXIM-MAX14821 Datasheet
2Mb / 31P
IO-Link Device Transceiver
Rev 0; 8/11
MAX14824 MAXIM-MAX14824 Datasheet
2Mb / 28P
IO-Link Master Transceiver
Rev 3; 5/12
logo
Festo Corporation.
8086604 FESTO-8086604 Datasheet
89Kb / 2P
IO-Link Master
logo
WAGO Kontakttechnik Gmb...
750-657 WAGO-750-657 Datasheet
555Kb / 13P
IO-Link Master
logo
Pepperl+Fuchs Inc.
ICE1-8IOL-G30L-V1D PF-ICE1-8IOL-G30L-V1D Datasheet
857Kb / 4P
IO-Link master
ICE1-8IOL-G60L-V1D PF-ICE1-8IOL-G60L-V1D Datasheet
969Kb / 4P
IO-Link master
ICE1-8IOL-S2-G60L-V1D PF-ICE1-8IOL-S2-G60L-V1D Datasheet
601Kb / 3P
IO-Link master
logo
Dialog Semiconductor
CCE4503 DIALOG-CCE4503 Datasheet
530Kb / 17P
IO-Link Device IC
logo
Maxim Integrated Produc...
MAXREFDES177 MAXIM-MAXREFDES177 Datasheet
1,017Kb / 17P
IO Link Universal Analog IO
logo
Pepperl+Fuchs Inc.
IO-LINK-MASTER02-USB PF-IO-LINK-MASTER02-USB Datasheet
715Kb / 4P
IO-Link Master
2020-06-30
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com