Electronic Components Datasheet Search
  English  ▼

X  

AN2816 Datasheet(PDF) 34 Page - STMicroelectronics

Part # AN2816
Description  High-efficiency step-down controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2816 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button AN2816 Datasheet HTML 28Page - STMicroelectronics AN2816 Datasheet HTML 29Page - STMicroelectronics AN2816 Datasheet HTML 30Page - STMicroelectronics AN2816 Datasheet HTML 31Page - STMicroelectronics AN2816 Datasheet HTML 32Page - STMicroelectronics AN2816 Datasheet HTML 33Page - STMicroelectronics AN2816 Datasheet HTML 34Page - STMicroelectronics AN2816 Datasheet HTML 35Page - STMicroelectronics AN2816 Datasheet HTML 36Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 34 / 36 page
background image
PM6675S demonstration tests
AN2816
34/36
10.11
Switching frequency
●
Switching frequency vs. input voltage
The constant on-time controller leads to a quasi-constant switching frequency, slightly
following the input voltage.
●
Switching frequency vs. output current
The switching frequency can decrease to very low values in pulse-skip mode but in non-
audible pulse-skip there is a lower limit (about 33 kHz). By increasing the load, however, the
switching frequency increases a bit, as a consequence of conduction and switching losses.
Figure 34.
Switching frequency vs. input voltage, VOUT = 1.5 V, IVOUT = 7 A, forced
PWM mode
Figure 35.
Switching frequency vs. output current, VOUT = 1.5 V, VIN = 12 V
AM01033v1
1.5 V switching frequency vs input voltage
250
300
350
400
450
500
550
600
Input voltage [V]
PWM @ 0 A
PWM @ 7 A
0
5
10
15
20
25
30
AM01034v1
Switching frequency vs load current
0
100
200
300
400
500
600
0.01
0.1
1
10
Output current [A]
Pulse SKIP
No aud. SKIP
PWM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com