Electronic Components Datasheet Search
  English  ▼

X  

AN2838 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN2838
Description  35 W wide-range high power factor flyback converter evaluation
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2838 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN2838 Datasheet HTML 10Page - STMicroelectronics AN2838 Datasheet HTML 11Page - STMicroelectronics AN2838 Datasheet HTML 12Page - STMicroelectronics AN2838 Datasheet HTML 13Page - STMicroelectronics AN2838 Datasheet HTML 14Page - STMicroelectronics AN2838 Datasheet HTML 15Page - STMicroelectronics AN2838 Datasheet HTML 16Page - STMicroelectronics AN2838 Datasheet HTML 17Page - STMicroelectronics AN2838 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
Thermal measurements
AN2838
14/23
DocID15099 Rev 2
4
Thermal measurements
To check the reliability of the design, thermal mapping by means of an IR camera was
carried out. Figure 20 and Figure 21 show thermal measurements on the component side of
the board at nominal input voltages and full load. Some pointers visible on the pictures
placed across key components show the relevant temperature. Table 1 provides the
correlation between the measured points and components, for both thermal maps. The
ambient temperature during both measurements was 27 °C. According to these
measurement results, all components on the board function within their temperature limits.
Figure 20. Thermal map at 90 VAC - full
load
Figure 21. Thermal map at 265 VAC - full
load
Table 2. Measured temperature @ 90 VAC and 265 VAC - full load
Component
Temperature @ 90 VAC
Temperature @ 265 VAC
MOSFET Q1
57.8 °C
43.8 °C
Secondary diode D5
58.9 °C
58.1 °C
Diode bridge D1
65.9 °C
45.6 °C
Transformer TR1 (bobbin)
64.3 °C
65.1 °C
Transformer TR1 (core)
54.5 °C
55 °C
Choke T1
55.7 °C
36. 2 °C
Choke T2
56 °C
38.2 °C
Transil D2
70 °C
59 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com