Electronic Components Datasheet Search
  English  ▼

X  

AN2840 Datasheet(PDF) 16 Page - STMicroelectronics

Part # AN2840
Description  charger demonstration board based on the VIPER17HN
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2840 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button AN2840 Datasheet HTML 11Page - STMicroelectronics AN2840 Datasheet HTML 12Page - STMicroelectronics AN2840 Datasheet HTML 13Page - STMicroelectronics AN2840 Datasheet HTML 14Page - STMicroelectronics AN2840 Datasheet HTML 15Page - STMicroelectronics AN2840 Datasheet HTML 16Page - STMicroelectronics AN2840 Datasheet HTML 17Page - STMicroelectronics AN2840 Datasheet HTML 18Page - STMicroelectronics AN2840 Datasheet HTML 19Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
Bill of materials
AN2840
16/19
7
Bill of materials
Table 6.
EVLVIP17-5WCHG bill of materials
Ref
Description
Package
Manufacturer
C1, C2
Electr.cap. 4.7 µF 400 V 105 °C SEK
ø8x11 p3.5
Teapo/Yageo
C3
Electr.cap. 10 µF 50 V 105 °C
ø5x11 p2.5
C4
Chip capacitor 1.5 nF/250 V X7R
0805
C5
Chip capacitor 2.2 nF/25 V X7R
0603
C6
Electr.cap. 1000 µF 16 V 105 °C SEK
Ø10x16 p5
Teapo/Yageo
C7
Chip capacitor 220 nF/16 V X7R
0603
C8
Chip capacitor 100 nF/25 V X7R
0603
C9
Chip capacitor 330 nF/25 V X7R
0805
C10
Chip capacitor 10 nF/50 V X7R
0603
C11
Chip capacitor 1 nF/50 V X7R
0603
D1
Single phase bridge S1ZB60
MBS
D2
Diode UF108G
D041
Panjit
D3
Diode BAV21WS
SOD323
D4
Diode STPS3L40S
SMC
STMicroelectronics
F1
Fuse res. 10
Ω ±5% 2 W
I1
Inductor 1 mH CECL-102K
Coils Electr.
IC1
OPTO SFH617-A3 X007
SMT
Vishay
IC2
I.C. VIPER17HN
DIP-7
STMicroelectronics
IC3
I.C. TSM1052CLT
SOT23-6L
STMicroelectronics
R1
Chip resistor 330 k
Ω ±5%
1206
R2
Chip resistor 100
Ω ±5%
1206
R4
Chip resistor 22
Ω ±5%
0603
R6
Chip resistor 330
Ω ±5%
0603
R7
Chip resistor 22 k
Ω ±1%
0603
R8
Chip resistor 4.7 k
Ω ±5%
0603
R9
Chip resistor 22 k
Ω ±1%
0603
R10
Chip resistor 10 k
Ω ±1%
0603
R11
Chip resistor 0.2
Ω ±1% 200 ppm
1206
R12
Chip resistor 1.8 k
Ω ±5%
0805
R13, R15, R18
Chip resistor 0
Ω
0603
R14
Chip resistor 10 k
Ω ±5%
0603
R16
Chip resistor 15 k
Ω ±1%
0603
R17
Chip resistor 0
Ω
1206
TR1
Transformer 1802.0006
EF12.6 LP
Magnetica



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com