Electronic Components Datasheet Search
  English  ▼

X  

AN2847 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN2847
Description  This document provides application information for the low-voltage 3-axis digital output
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2847 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN2847 Datasheet HTML 3Page - STMicroelectronics AN2847 Datasheet HTML 4Page - STMicroelectronics AN2847 Datasheet HTML 5Page - STMicroelectronics AN2847 Datasheet HTML 6Page - STMicroelectronics AN2847 Datasheet HTML 7Page - STMicroelectronics AN2847 Datasheet HTML 8Page - STMicroelectronics AN2847 Datasheet HTML 9Page - STMicroelectronics AN2847 Datasheet HTML 10Page - STMicroelectronics AN2847 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
AN2847
Start-up sequence
Doc ID 15136 Rev 2
7/31
2
Start-up sequence
Once the device is powered up it automatically downloads the calibration coefficients from
the embedded Flash memory to the internal registers. When the boot procedure is complete
(i.e. after about 5 milliseconds), the device automatically enters power-down mode.
To turn on the device and gather acceleration data, it is necessary to select one of the
operating modes through the CTRL_REG1 register, and to enable at least one of the axes.
The following general-purpose sequence can be used to configure the device:
1.
write CTRL_REG1
2.
write CTRL_REG2
3.
write CTRL_REG3
4.
write CTRL_REG4
5.
write Reference
6.
write INT1_THS
7.
write INT1_DUR
8.
write INT2_THS
9.
write INT2_DUR
10. read HP_FILTER_RESET (if filter is enabled)
11. write INT1_CFG
12. write INT2_CFG
13. write CTRL_REG5
Register values can be changed at any time, and with the device in any operating mode.
Modifications take effect immediately.
Note that in case of changes in full scale, ODR or enabling/disabling of self-test, the output
of the device will require 1 ms + 1/ODR to settle (see
Table 11). If the HP filter cut-off
frequency is changed, the filter can be reset by reading the HP_FILTER_RESET register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com