Electronic Components Datasheet Search
  English  ▼

X  

AN2855 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN2855
Description  Configuration for single-click
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2855 Datasheet(HTML) 3 Page - STMicroelectronics

  AN2855 Datasheet HTML 1Page - STMicroelectronics AN2855 Datasheet HTML 2Page - STMicroelectronics AN2855 Datasheet HTML 3Page - STMicroelectronics AN2855 Datasheet HTML 4Page - STMicroelectronics AN2855 Datasheet HTML 5Page - STMicroelectronics AN2855 Datasheet HTML 6Page - STMicroelectronics AN2855 Datasheet HTML 7Page - STMicroelectronics AN2855 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
AN2855
Theory of operation
3/8
1
Theory of operation
The click recognition function featured in the FC30 helps to create a man-machine interface
with little software loading. The device can be configured to output an interrupt signal on a
dedicated pin when tapped in any direction.
If the sensor is exposed to a single input stimulus, it generates an interrupt request on
inertial interrupt pin PC. A more advanced feature allows the generation of an interrupt
request when a double input stimulus with fixed time between the two events is recognized,
enabling a mouse button-like functionality.
Note:
While the device is operating in click/double-click recognition mode, the orientation
detection function is not available.
1.1
Device pinout for click recognition mode
Click recognition mode is enabled through specific commands sent to the device over the
I2C bus that is available through dedicated pins (
Figure 1).
Figure 1.
FC30 pinout - I2C pins for click recognition mode
6
8
13
1
Top VIEW
10uF
Vdd
100nF
GND
Vdd_IO
Digital signal from/to signal controller.Signal’s levelsare defined byproper selection of Vdd_IO
AM03290v1



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com