Electronic Components Datasheet Search
  English  ▼

X  

AN2929 Datasheet(PDF) 26 Page - STMicroelectronics

Part # AN2929
Description  In consumer applications such as LCD or plasma TVs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2929 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button AN2929 Datasheet HTML 22Page - STMicroelectronics AN2929 Datasheet HTML 23Page - STMicroelectronics AN2929 Datasheet HTML 24Page - STMicroelectronics AN2929 Datasheet HTML 25Page - STMicroelectronics AN2929 Datasheet HTML 26Page - STMicroelectronics AN2929 Datasheet HTML 27Page - STMicroelectronics AN2929 Datasheet HTML 28Page - STMicroelectronics AN2929 Datasheet HTML 29Page - STMicroelectronics AN2929 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 32 page
background image
Testing the board
AN2929
26/32
Doc ID 15333 Rev 2
2.8
Brownout protection
The brownout protection is basically an unlatched device shutdown functionality whose
typical use is to sense flyback converter input undervoltage. The VIPER27LN has a pin (BR,
pin 5) dedicated to this function that must be connected to the DC HV bus. If the protection
is not required, it can be disabled by connecting the pin to ground. In the present converter
the brownout protection is implemented but can be disabled by changing the setting of
jumper J7 (see schematic in Figure 2). The settings of jumper J7 are shown in Figure 27
and Figure 28. The shutdown of the converter is accomplished by means of an internal
comparator internally referenced to 450 mV (typ, VBRth) that disables the PWM if the voltage
applied to the BR pin is below the internal reference, as shown in Figure 29. The PWM
operation is re-enabled as the BR pin voltage is more than 450 mV plus 50 mV of voltage
hysteresis that ensures noise immunity. The brownout comparator is also provided with
current hysteresis. An internal current generator is ON as long as the voltage applied to the
brownout pin is below 450 mV and is OFF if the voltage exceeds 450 mv plus the voltage
hysteresis.
Figure 29.
Brownout protection
Figure 27.
Jumper J7 setting, brownout
disabled
Figure 28.
Jumper J7 setting, brownout
enabled
AM02176v1
+
-
100mV Typ.
IBRhyst
VBRth
VAC_OK
Disable
VBRhyst



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com