Electronic Components Datasheet Search
  English  ▼

X  

KDR729 Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # KDR729
Description  SCHOTTKY BARRIER TYPE DIODE(LOW VOLTAGE HIGH SPEED SWITCHING)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KDR729 Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  KDR729 Datasheet HTML 1Page - KEC(Korea Electronics) KDR729 Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2003. 2. 25
2/2
KDR729
Revision No : 4
I
- V
R
REVERSE VOLTAGE V
(V)
05
RR
0.5
1
5
10
I
- V
F
FORWARD VOLTAGE V
(mV)
F
Ta=25 C
F
0
100
-1
10
1
10
2
10
-4
10
-3
10
-2
10
20
25
REVERSE VOLTAGE V
(V)
5
5
10
50
0
R
15
10
100
C
- V
TR
30
200
300
400
500
10
15
20
30
25
Ta=25 C
f=1MHz
Ta=25 C



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com