Electronic Components Datasheet Search
  English  ▼

X  

AN2934 Datasheet(PDF) 16 Page - STMicroelectronics

Part # AN2934
Description  The new VIPer17 device is a converter that offers a PWM controller built in BCD6
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2934 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button AN2934 Datasheet HTML 12Page - STMicroelectronics AN2934 Datasheet HTML 13Page - STMicroelectronics AN2934 Datasheet HTML 14Page - STMicroelectronics AN2934 Datasheet HTML 15Page - STMicroelectronics AN2934 Datasheet HTML 16Page - STMicroelectronics AN2934 Datasheet HTML 17Page - STMicroelectronics AN2934 Datasheet HTML 18Page - STMicroelectronics AN2934 Datasheet HTML 19Page - STMicroelectronics AN2934 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
Experimental results
AN2934
16/27
Doc ID 15394 Rev 1
For the dual output board, the second output relies on the main output for regulation. 10%
regulation is typical for load and cross regulation for a swing of 10% to 100% of the output’s
maximum load. The ripple on the first output is very low because of the pie filter (L2, C10)
that eliminates the switching ripple and the spikes.
Delta
0.03
2.33
4.21
Line regulation
0.0%
0.1%
3.3%
+/-% load/cross regulation
0.3%
9.3%
12.2%
Ripple
mv pp
25
75
Input wattage at no load at 115 Vac in mW
42
Short-circuit
Ok
Ok
1.
Unit #1, CSM16VT-082 split primary, no shield.
Table 8.
Regulation for dual output: without shield(1) (continued)
Vin
5 V load
12 V load
5 V
12 V
W in
Efficiency
Vdd
Table 9.
Regulation for single output: with shield and single primary(1)
Vin
A at 12 V
12 Vout
W in
I in
Efficiency
Vdd
85 Vac
0.05
12.01
0.87
11.93
85 Vac
0.5
11.98
7.38
81.2%
12.27
264 Vac
0.05
12.01
1.24
11.99
264 Vac
0.5
11.98
7.91
75.7%
12.26
Minimum
11.98
11.99
Maximum
12.01
12.27
Delta
0.03
0.28
Line regulation
0.00%
0.08%
+/-% load/cross regulation
0.12%
1.17%
Ripple in mV pp at 115
22
Input at no load at 115 Vac in mW
82
Short-circuit
Ok
1.
VIPer17HN unit #1 green with CSM16VT-066E with shield.
Table 10.
Regulation for single output: without shield and single primary(1)
Vin
A at 12 V
12 Vout
W in
I in
Efficiency
Vdd
85 Vac
0.05
12.00
0.787
11.91
85 Vac
0.5
11.97
7.37
81.2%
12.27
264 Vac
0.05
12.00
0.907
11.93
264 Vac
0.5
11.97
7.31
81.9%
12.28
Minimum
11.97
11.93
Maximum
12.00
12.28
Delta
0.03
0.35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com