Electronic Components Datasheet Search
  English  ▼

X  

N52001M Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # N52001M
Description  Duplex Multimode 50-125 Fiber Patch Cable (LC-LC), 1M (3-ft.)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

N52001M Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  N52001M Datasheet HTML 1Page - Tripp Lite. All Rights Reserved N52001M Datasheet HTML 2Page - Tripp Lite. All Rights Reserved N52001M Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Duplex Multimode 50/125 Fiber Patch Cable
(LC/LC), 1M (3-ft.)
MODEL NUMBER: N520-01M
Description
Tripp Lite's 1-meter multimode duplex Fibre Channel optic LC/LC patch cable is manufactured from 50/125
zipcord fiber. The cable has LC connectors on each end. It has a PVC jacket and is FDDI and OFNR rated.
50/125 Duplex multimode fiber is most commonly used in Fibre Channel applications. It is backward compatible with 62.5 micron fiber and provides built-in
headroom for future applications. The cable provides higher bandwidth optimized for Gigabit and 10Gbps networks as well. Also available in lengths up to 152
meters. Enter "N520-" in the search field to bring up all lengths. For LC-SC cables, search "N516-", and for SC-SC, search "N506-".
Features
Constructed with 50/125 micron cable
Length: 1-meter
Use on fiber and fibre channel installations
LC male to LC male connectors
Higher bandwidth optimized for gigabit and 10Gbps networks
Backward compatible with 62.5 micron fiber
Built-in headroom for future applications
Number of fibers: 2
Fiber type: All glass graded index
Core diameter: Two 50+/-3 microns
CLAD diameter: 125+/-2 microns
Primary coating diameter: 245+/-15 microns
Primary coating material: Acrylate
Secondary coating diameter: 900+/-50 microns
Secondary coating material: PVC
Attenuation @850NM: 3.5DB/KM maximum, @1300NM: 1.0DB/KM maximum
Bandwidth @850NM: 220 MHz-KM minimum, @1300NM: 600 MHz-KM minimum
Numerical aperture: .275 nominal
Proof test level: 100,000 PSI
Highlights
Premium PVC multimode patch
cables
Attenuation loss meets or
exceeds the latest industry
standards
Higher bandwidth optimized for
gigabit and 10Gbps networks
Backward compatible with 62.5
micron fiber
Built-in headroom for future
applications
System Requirements
Any fiber optic hardware or NIC
card requiring multimode duplex
cable with LC/LC connectors
Package Includes
1M duplex MMF cable LC/LC
50/125 fiber
1 / 3


Similar Part No. - N52001M

ManufacturerPart #DatasheetDescription
logo
Swissbit AG
N5200 SWISSBIT-N5200 Datasheet
303Kb / 2P
Highest IOPS at lowest current consumption for Enterprise
2024
N5200 E1.S SWISSBIT-N5200 E1.S Datasheet
303Kb / 2P
Highest IOPS at lowest current consumption for Enterprise
2024
N5200 U.2 SWISSBIT-N5200 U.2 Datasheet
303Kb / 2P
Highest IOPS at lowest current consumption for Enterprise
2024
logo
Tripp Lite. All Rights ...
N52002M TRIPPLITE-N52002M Datasheet
494Kb / 2P
Duplex Multimode 50-125 Fiber Patch Cable (LC-LC), 2M (6-ft.)
N52003M TRIPPLITE-N52003M Datasheet
493Kb / 3P
Duplex Multimode 50-125 Fiber Patch Cable (LC-LC), 3M (10-ft.)
More results

Similar Description - N52001M

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
N32001M TRIPPLITE-N32001M Datasheet
495Kb / 2P
Duplex Multimode 62.5-125 Fiber Patch Cable (LC-LC), 1M (3-ft.)
N32001MRD TRIPPLITE-N32001MRD Datasheet
478Kb / 2P
Duplex Multimode 62.5-125 Fiber Patch Cable (LC-LC) - Red, 1M (3-ft.)
N51601M TRIPPLITE-N51601M Datasheet
491Kb / 2P
Duplex Multimode 50-125 Fiber Patch Cable (LC-SC), 1M (3-ft.)
N51801M TRIPPLITE-N51801M Datasheet
473Kb / 2P
Duplex Multimode 50-125 Fiber Patch Cable (LC-ST), 1M (3-ft.)
N52015M TRIPPLITE-N52015M Datasheet
494Kb / 2P
Duplex Multimode 50-125 Fiber Patch Cable (LC-LC), 15M (50-ft.)
N320-01M TRIPPLITE-N320-01M Datasheet
167Kb / 2P
Duplex Multimode 62.5/125 Fiber Patch Cable (LC/LC), 1M (3-ft.)
N320-01M-RD TRIPPLITE-N320-01M-RD Datasheet
158Kb / 2P
Duplex Multimode 62.5/125 Fiber Patch Cable (LC/LC) - Red, 1M (3-ft.)
N516-01M TRIPPLITE-N516-01M Datasheet
157Kb / 3P
Duplex Multimode 50/125 Fiber Patch Cable (LC/SC), 1M (3-ft.)
N518-01M TRIPPLITE-N518-01M Datasheet
156Kb / 2P
Duplex Multimode 50/125 Fiber Patch Cable (LC/ST), 1M (3-ft.)
N520-01M TRIPPLITE-N520-01M Datasheet
165Kb / 3P
Duplex Multimode 50/125 Fiber Patch Cable (LC/LC), 1M (3-ft.)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com