Electronic Components Datasheet Search
  English  ▼

X  

N52030MP Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # N52030MP
Description  Duplex Multimode 50-125 Fiber Plenum Rated Patch Cable (LC-LC), 30M (100-ft.)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

N52030MP Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  N52030MP Datasheet HTML 1Page - Tripp Lite. All Rights Reserved N52030MP Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Duplex Multimode 50/125 Fiber Plenum Rated Patch
Cable (LC/LC), 30M (100-ft.)
MODEL NUMBER: N520-30M-P
Description
Tripp Lite's 30-meter multimode duplex Fibre Channel optic LC/LC patch cable is manufactured from 50/125
zipcord fiber. The cable has LC connectors on each end. It has a PLENUMrated jacket and is FDDI and OFNR
rated. 50/125 Duplex multimode fiber is most commonly used in Fibre Channel applications. It is backward
compatible with 62.5 micron fiber and provides built-in headroom for future applications. Plenum rated cable
used where local fire code calls for fireproof cable. The cable provides higher bandwidth optimized for Gigabit and 10Gbps networks as well. Also available in
1, 2, 3, 5, 10, 15, 20, 25, and 50 meter lengths. Enter "N520-" in the search field to bring up all lengths. For LC-SC cables, search "N516-", and for SC-SC,
search "N506-".
Features
Constructed with 50/125 micron cable
Length - 30M
Plenum Rated ( CMP ) jacket
Use on fiber and fibre channel installations
LC male to LC male connectors
Higher bandwidth optimized for Gigabit and 10Gbps networks
Backward compatible with 62.5 micron fiber
Built-in headroom for future applications
Number of fibers: 2
Fiber type: all glass graded index
Core diameter: two 50+/-3 microns
CLAD diameter: 125+/-2 microns
Primary coating diameter: 245+/-15 microns
Primary coating material: acrylate
Secondary coating diameter: 900+/-50 microns
Attenuation @850NM: 3.5DB/KM maximum, @1300NM: 1.0DB/KM maximum
Highlights
Premium PLENUM multimode
patch cable
Attenuation loss meets or
exceeds the latest industry
standards
Higher bandwidth optimized for
Gigabit and 10Gbps networks
Backward compatible with 62.5
micron fiber
Built-in headroom for future
applications
System Requirements
Any fiber optic hardware or NIC
card requiring multimode duplex
cable with LC/LC connectors
Use Plenum jacketed cable
where local fire codes dictate
Package Includes
30M duplex MMF cable LC/LC
50/125 fiber, Plenum rated jacket
1 / 2


Similar Part No. - N52030MP

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
N52030M TRIPPLITE-N52030M Datasheet
494Kb / 2P
Duplex Multimode 50-125 Fiber Patch Cable (LC-LC), 30M (100-ft.)
More results

Similar Description - N52030MP

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
N31630M TRIPPLITE-N31630M Datasheet
477Kb / 2P
Duplex Multimode 62.5-125 Fiber Patch Cable (LC-SC), 30M (100-ft.)
N31830M TRIPPLITE-N31830M Datasheet
475Kb / 2P
Duplex Multimode 62.5-125 Fiber Patch Cable (LC-ST), 30M (100-ft.)
N32030M TRIPPLITE-N32030M Datasheet
494Kb / 2P
Duplex Multimode 62.5-125 Fiber Patch Cable (LC-LC), 30M (100-ft.)
N51630M TRIPPLITE-N51630M Datasheet
489Kb / 2P
Duplex Multimode 50-125 Fiber Patch Cable (LC-SC), 30M (100-ft.)
N52030M TRIPPLITE-N52030M Datasheet
494Kb / 2P
Duplex Multimode 50-125 Fiber Patch Cable (LC-LC), 30M (100-ft.)
N318-30M TRIPPLITE-N318-30M Datasheet
167Kb / 2P
Duplex Multimode 62.5/125 Fiber Patch Cable (LC/ST), 30M (100-ft.)
N320-30M TRIPPLITE-N320-30M Datasheet
166Kb / 2P
Duplex Multimode 62.5/125 Fiber Patch Cable (LC/LC), 30M (100-ft.)
N516-30M TRIPPLITE-N516-30M Datasheet
157Kb / 3P
Duplex Multimode 50/125 Fiber Patch Cable (LC/SC), 30M (100-ft.)
N520-30M TRIPPLITE-N520-30M Datasheet
167Kb / 3P
Duplex Multimode 50/125 Fiber Patch Cable (LC/LC), 30M (100-ft.)
N520-30M-P TRIPPLITE-N520-30M-P Datasheet
169Kb / 3P
Duplex Multimode 50/125 Fiber Plenum Rated Patch Cable (LC/LC), 30M (100-ft.)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com