Electronic Components Datasheet Search
  English  ▼

X  

N060004 Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # N060004
Description  4U Hinged Wall-Mount Patch Panel Bracket
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

N060004 Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  N060004 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved N060004 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Shipping Dimensions (hwd / cm)
16.51 x 52.07 x 19.05
Shipping Weight (lbs.)
5.7
Shipping Weight (kg)
2.59
Unit Dimensions (hwd / in.)
7 x 19 x 6
Unit Dimensions (hwd / cm)
17.78 x 48.26 x 15.24
Unit Weight (lbs.)
5
Unit Weight (kg)
2.27
Color
Black
Weight Capacity - Stationary (lbs.)
35
Weight Capacity - Stationary (kg)
15.9
CERTIFICATIONS
NOM (Mexico)
Tested to NOM (Mexico)
Approvals
EIA-310-D, IEC 60297-3-100, DIN 41494, RoHS, UL 60950
WARRANTY
Product Warranty Period (Worldwide)
5-year limited warranty
© 2015 Tripp Lite. All rights reserved. All trademarks are the sole property of their respective owners. Tripp Lite has a policy of continuous improvement.
Specifications are subject to change without notice. Photos may differ slightly from final products.
2 / 2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com