Electronic Components Datasheet Search
  English  ▼

X  

RH1011 Datasheet(PDF) 1 Page - Linear Technology

Part # RH1011
Description  Voltage Comparator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

RH1011 Datasheet(HTML) 1 Page - Linear Technology

  RH1011 Datasheet HTML 1Page - Linear Technology RH1011 Datasheet HTML 2Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DICE SPECIFICATION
RH1011
Voltage Comparator
1
DIE CROSS REFERENCE
Order DICE CANDIDATE
Part Number Below
LTC Finished
Part Number
1. Ground
2. +IN
3. –IN
4. V –
RH1011
RH1011
RH1011 DICE
RH1011 DWF
Die Size: 80
× 48 mils
Thickness: 12 mils
Backside Metal: Gold
PAD FUNCTION
4
1
7
8
6
5
2
3
Note: Backside (substrate) may be
connected to V– or no connection
5. Balance
6. Balance/Strobe
7. Output
8. V +
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
Note: DWF = Dice in wafer form
ABSOLUTE
AXI U
RATI GS
Supply Voltage ....................................................... 36V
Output to Negative Supply ...................................... 50V
Ground to Negative Supply ..................................... 30V
Differential Input Voltage .......................................
±36V
Voltage at STROBE Pad ............................................ 5V
Input Voltage ..................................... Equal to Supplies
Output Short-Circuit Duration ............................. 10 sec
Junction Temperature .......................................... 150
°C
(Note 1)


Similar Part No. - RH1011

ManufacturerPart #DatasheetDescription
logo
Linear Technology
RH1011 LINER-RH1011 Datasheet
144Kb / 4P
Voltage Comparator
RH1011 LINER-RH1011 Datasheet
196Kb / 8P
Quad Precision Operational Amplifier
RH1011FD LINER-RH1011FD Datasheet
66Kb / 4P
Voltage Comparator
RH1011FD LINER-RH1011FD_15 Datasheet
66Kb / 4P
Voltage Comparator
More results

Similar Description - RH1011

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M51206TL MITSUBISHI-M51206TL Datasheet
115Kb / 4P
VOLTAGE COMPARATOR?
logo
NXP Semiconductors
NE527 PHILIPS-NE527 Datasheet
131Kb / 5P
Voltage comparator
August 31, 1994
logo
Linear Technology
RH1011 LINER-RH1011 Datasheet
144Kb / 4P
Voltage Comparator
RH111 LINER-RH111 Datasheet
143Kb / 4P
Voltage Comparator
logo
National Semiconductor ...
MDLM111-X NSC-MDLM111-X Datasheet
303Kb / 17P
VOLTAGE COMPARATOR
LM111JAN NSC-LM111JAN Datasheet
798Kb / 26P
Voltage Comparator
logo
Austin Semiconductor
AS111 AUSTIN-AS111 Datasheet
2Mb / 21P
Voltage Comparator
AS111R AUSTIN-AS111R Datasheet
1Mb / 22P
Voltage Comparator
logo
Linear Technology
LT1011A LINER-LT1011A_15 Datasheet
294Kb / 20P
Voltage Comparator
logo
JSC ALFA.
AS527 ALFA-AS527 Datasheet
207Kb / 3P
Voltage comparator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com