Electronic Components Datasheet Search
  English  ▼

X  

RH1086K Datasheet(PDF) 1 Page - Linear Technology

Part # RH1086K
Description  1.5A/0.5A Low Dropout Positive Regulators
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

RH1086K Datasheet(HTML) 1 Page - Linear Technology

  RH1086K Datasheet HTML 1Page - Linear Technology RH1086K Datasheet HTML 2Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
DICE SPECIFICATION
RH1086K/RH1086H
1.5A/0.5A Low Dropout
Positive Regulators
DICE ELECTRICAL TEST LI ITS (Note 1)
RH1086K (Note 6)
RH1086H (Note 6)
PARAMETER
CONDITIONS
MIN
MAX
MIN
MAX
UNITS
Reference Voltage
IOUT = 10mA, TJ = 25°C, (VIN – VOUT) = 3V
1.238
1.262
V
1.5V
≤ (VIN – VOUT) = 15V
1.225
1.270
1.225
1.270
V
Line Regulation
ILOAD = 10mA, 1.5V ≤ (VIN – VOUT) ≤ 15V
0.2
0.2
%
TJ = 25°C
Load Regulation
(VIN – VOUT) = 3V, 10mA ≤ IOUT ≤ 1.5A
0.3
0.3
%
TJ = 25°C (0.5A for RH1086H)
(Notes 1, 2, 5, 6)
Dropout Voltage (VIN – VOUT) ∆VOUT, ∆VREF = 1%, IOUT = 1.5A
1.25
V
(0.5A for RH1086H) (Notes 3, 5, 6)
1.5
Current Limit
(VIN – VOUT) = 5V
1.5
0.5
A
(VIN – VOUT) = 25V (Note 5)
0.050
0.020
A
Mininum Load Current
(VIN – VOUT) = 25V (Note 4)
10
10
mA
Ripple Rejection
f = 120Hz, COUT = 25µF Tantalum
60
60
dB
IOUT = 1.5A, (IOUT = 0.5A for RH1086H)
CADJ = 25µF, (VIN – VOUT) = 3V (Note 5, 6)
Adjust Pin Current
TJ = 25°C
120
120
µA
Adjust Pin Current Change
10mA
≤ IOUT ≤ 1.5A (0.5A for RH1086H)
5
5
µA
1.5V
≤ (VIN – VOUT) ≤ 15V (Note 5, 6)
DIE CROSS REFERENCE
3
1
2
22
PAD FUNCTION
1. VIN
2. VOUT
3. ADJUST
Connect Backside
Substrate to Pad #2
LTC Finished
Part Number
Order DICE CANDIDATE
Part Number Below
103
× 85 mils
RH1086H
RH1086K
RH1086H DICE
RH1086K DICE
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.


Similar Part No. - RH1086K

ManufacturerPart #DatasheetDescription
logo
Linear Technology
RH1086K LINER-RH1086K Datasheet
62Kb / 2P
1.5A/0.5A Low Dropout Positive Regulators
More results

Similar Description - RH1086K

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1086 NSC-LM1086 Datasheet
822Kb / 15P
1.5A Low Dropout Positive Regulators
logo
Linear Technology
RH1086M LINER-RH1086M Datasheet
164Kb / 4P
0.5A and 1.5A Low Dropout Positive Adjustable Regulators
logo
Unisonic Technologies
L1119 UTC-L1119 Datasheet
165Kb / 7P
1.5A LOW DROPOUT REGULATORS
logo
Microsemi Corporation
LX8386X-XX MICROSEMI-LX8386X-XX Datasheet
283Kb / 11P
1.5A Low Dropout Positive Regulators
logo
Linear Technology
RH1086K LINER-RH1086K Datasheet
62Kb / 2P
1.5A/0.5A Low Dropout Positive Regulators
RH1086M LINER-RH1086M_1 Datasheet
89Kb / 6P
0.5A and 1.5A Low Dropout Positive Adjustable Regulators
logo
Unisonic Technologies
L1119 UTC-L1119_12 Datasheet
168Kb / 4P
1.5A LOW DROPOUT REGULATORS
logo
Texas Instruments
LM1086IT-3.3 TI1-LM1086IT-3.3 Datasheet
2Mb / 24P
LM1086 1.5A Low Dropout Positive Regulators
LM1086IS-33 TI1-LM1086IS-33 Datasheet
2Mb / 24P
LM1086 1.5A Low Dropout Positive Regulators
logo
Linear Technology
RH1086M LINER-RH1086M_15 Datasheet
94Kb / 6P
0.5A and 1.5A Low Dropout Positive Adjustable Regulators
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com