Electronic Components Datasheet Search
  English  ▼

X  

RH1499M Datasheet(PDF) 1 Page - Linear Technology

Part # RH1499M
Description  10MHz, 6V/s, Quad Rail-to-Rail Input and Output Precision C-Load Op Amp
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

RH1499M Datasheet(HTML) 1 Page - Linear Technology

  RH1499M Datasheet HTML 1Page - Linear Technology RH1499M Datasheet HTML 2Page - Linear Technology RH1499M Datasheet HTML 3Page - Linear Technology RH1499M Datasheet HTML 4Page - Linear Technology RH1499M Datasheet HTML 5Page - Linear Technology RH1499M Datasheet HTML 6Page - Linear Technology RH1499M Datasheet HTML 7Page - Linear Technology RH1499M Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
RH1499M

rh1499mff
Burn-In CIrCuIt
DesCrIptIon
10MHz, 6V/µs, Quad
Rail-to-Rail Input and Output
Precision C-Load Op Amp
TheRH1499isaquad,rail-to-railinputandoutputprecision
C-Load™ op amp with a 10MHz gain-bandwidth product
and a 6V/µs slew rate.
The RH1499 is designed to maximize input dynamic range
by delivering precision performance over the full supply
voltage. Using a patented technique, the input stages of
the RH1499 are trimmed, one at the negative supply and
the other at the positive supply. The resulting guaranteed
common mode rejection is much better than other rail-
to-rail input op amps. When used as a unity-gain buffer
in front of single supply 12-bit A-to-D converters, the
RH1499 is guaranteed to add less than 1LSB of error even
in single 5V supply systems.
With 110dB of supply rejection, the RH1499 maintains
its performance over a supply range of 4.5V to 36V. The
inputs can be driven beyond the supplies without damage
or phase reversal of the output. These op amps remain
stable while driving capacitive loads up to 10,000pF.
The wafer lots are processed to Linear Technology's in-
house Class S flow to yield circuits usable in stringent
military and space applications.
L
, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Linear
Technology Corporation. C-Load is a trademark of Linear Technology Corporation. All other
trademarks are the property of their respective owners.
ABsolute MAxIMuM rAtIngs
Total Supply Voltage (V+ to V–).................................36V
Input Current........................................................±10mA
Output Short-Circuit Duration (Note 2) .........Continuous
Operating Temperature Range................ –55°C to 125°C
Specified Temperature Range ................ –55°C to 125°C
Junction Temperature .......................................... 150°C
Storage Temperature Range................... –65°C to 150°C
Lead Temperature (Soldering, 10 sec) .................. 300°C
(Note 1)
16V
–16V
50k
100
50k
RH1499M BI
+
–
RH1499M
pACkAge InforMAtIon
TOP VIEW
OUT A
–IN A
+IN A
V+
+IN B
–IN B
OUT B
OUT D
–IN D
+IN D
V–
+IN C
–IN C
OUT C
14
13
12
11
10
9
8
1
2
3
4
5
6
7
W PACKAGE
14-LEAD CERAMIC FLATPAK


Similar Part No. - RH1499M

ManufacturerPart #DatasheetDescription
logo
Linear Technology
RH1499M LINER-RH1499M Datasheet
98Kb / 8P
10MHz, 6V/關s, Quad Rail-to-Rail Input and Output Precision C-Load Op Amp
logo
Analog Devices
RH1499M AD-RH1499M Datasheet
350Kb / 8P
10MHz, 6V/μs, Quad Rail-to-Rail Input and Output Precision C-Load Op Amp
Rev. H
More results

Similar Description - RH1499M

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1498 LINER-LT1498 Datasheet
377Kb / 16P
10MHz, 6V/us, Dual/Quad Rail-to-Rail Input and Output Precision C-Load Op Amps
LT1797 LINER-LT1797 Datasheet
195Kb / 12P
10MHz, Rail-to-Rail Input and Output Op Amp in SOT-23
RH1498 LINER-RH1498 Datasheet
165Kb / 2P
10MHz, 6V/關s Rail-to-Rail Input and Output Precision C-Load Op Amp
RH1498M LINER-RH1498M Datasheet
103Kb / 8P
10MHz, 6V/關s, Dual Rail-to-Rail Input and Output Precision C-Load Op Amp
RH1499M LINER-RH1499M Datasheet
98Kb / 8P
10MHz, 6V/關s, Quad Rail-to-Rail Input and Output Precision C-Load Op Amp
RH1498 LINER-RH1498_15 Datasheet
371Kb / 2P
10MHz, 6V/s Rail-to-Rail Input and Output Precision C-Load Op Amp
RH1498M LINER-RH1498M_15 Datasheet
132Kb / 8P
10MHz, 6V/s, Dual Rail-to-Rail Input and Output Precision C-Load Op Amp
LT1797 LINER-LT1797_15 Datasheet
199Kb / 14P
10MHz, Rail-to-Rail Input and Output Op Amp in SOT-23
LT1498 LINER-LT1498_15 Datasheet
291Kb / 24P
10MHz, 6V/s, Dual/Quad Rail-to-Rail Input and Output Precision C-Load Op Amps
LT1499 LINER-LT1499_15 Datasheet
291Kb / 24P
10MHz, 6V/s, Dual/Quad Rail-to-Rail Input and Output Precision C-Load Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com