Electronic Components Datasheet Search
  English  ▼

X  

RH3083MK Datasheet(PDF) 2 Page - Linear Technology

Part # RH3083MK
Description  Adjustable 2.8A Single Resistor Low Dropout Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

RH3083MK Datasheet(HTML) 2 Page - Linear Technology

  RH3083MK Datasheet HTML 1Page - Linear Technology RH3083MK Datasheet HTML 2Page - Linear Technology RH3083MK Datasheet HTML 3Page - Linear Technology RH3083MK Datasheet HTML 4Page - Linear Technology RH3083MK Datasheet HTML 5Page - Linear Technology RH3083MK Datasheet HTML 6Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
RH3083MK DICE/DWF
2
rh3083mkfa
table 1. Dice/DWF electrical test liMits T
A = 25°C (Notes 2, 5, 8, 9, 11)
PARAMETER
CONDITIONS
MIN
MAX
UNITS
SET Pin Current (Note 6)
VIN = 1V, VCONTROL = 2V, ILOAD = 1mA
49.5
50.5
µA
Output Offset Voltage (VOUT – VSET)
VIN = 1V, VCONTROL = 2V, ILOAD = 1mA
–2
2
mV
Load Regulation, ISET
ILOAD = 1mA to 50mA
–30
30
nA
Load Regulation, VOS
ILOAD = 1mA to 50mA
–0.5
0.5
mV
Line Regulation, ISET
VIN = 1V to 23V, VCONTROL = 2V to 25V, ILOAD = 1mA
–5
5
nA/V
Line Regulation, VOS
VIN = 1V to 23V, VCONTROL = 2V to 25V, ILOAD = 1mA
–0.008
0.008
mV/V
Minimum Load Current (Note 3)
VIN = 1V, VCONTROL = 2V
VIN = 23V, VCONTROL = 25V
0.5
1
mA
mA
VCONTROL Dropout Voltage (Note 4)
VIN = 1V, ILOAD = 50mA
1.4
V
VIN Dropout Voltage (Note 4)
VCONTROL = 2V, ILOAD = 50mA
25
mV
VCONTROL Pin Current (Note 5)
VIN = 1V, VCONTROL = 2V, ILOAD = 50mA
6.5
mA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com