Electronic Components Datasheet Search
  English  ▼

X  

RH6200M Datasheet(PDF) 3 Page - Linear Technology

Part # RH6200M
Description  Low Noise, High Speed Rail-to-Rail Op Amp
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

RH6200M Datasheet(HTML) 3 Page - Linear Technology

  RH6200M Datasheet HTML 1Page - Linear Technology RH6200M Datasheet HTML 2Page - Linear Technology RH6200M Datasheet HTML 3Page - Linear Technology RH6200M Datasheet HTML 4Page - Linear Technology RH6200M Datasheet HTML 5Page - Linear Technology RH6200M Datasheet HTML 6Page - Linear Technology RH6200M Datasheet HTML 7Page - Linear Technology RH6200M Datasheet HTML 8Page - Linear Technology RH6200M Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
RH6200M
3
rh6200mfa
(Postirradiation) TA = 25°C
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: Inputs are protected by back-to-back diodes. If the differential input
voltage exceeds 0.7V, the input current must be limited to less than 40mA.
Note 3: A heat sink may be required to keep the junction temperature
below the absolute maximum rating when the output is shorted indefinitely.
Note 4: There are reverse-biased ESD diodes from all inputs and outputs
to the respective supply pins. If these pins are forced beyond either
supply, unlimited current will flow through these diodes. If the current is
transient in nature and limited to less than 30mA, no damage to the
device will occur.
TABLE 1A: ELECTRICAL CHARACTERISTICS
SYMBOL PARAMETER
CONDITIONS
10KRAD(Si) 20KRAD(Si) 50KRAD(Si) 100KRAD(Si) 200KRAD(Si)
UNITS
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
VOS
Input Offset Voltage VS = 5V, 0V; VCM = V– to V+
VS = ±5V; VCM = V– to V+
2.2
6.5
2.4
7
2.6
7.5
2.8
8
3
8.5
mV
mV
IB
Input Bias Current
VS = 5V, 0V, VCM = V+
VS = 5V, 0V, VCM = V–
VS = ±5V, VCM = V+
VS = ±5V, VCM = V–
–55
–55
20
20
–60
–60
22
22
–65
–65
24
24
–70
–70
26
26
–75
–75
28
28
μA
μA
μA
μA
IOS
Input Offset Current VS = 5V, 0V; VCM = V+
VS = 5V, 0V; VCM = V–
VS = ±5V; VCM = V+
VS = ±5V; VCM = V–
5
6
8
13
6
7
9
14
7
8
10
15
8
9
11
16
9
10
12
17
μA
μA
μA
μA
AVOL
Large Signal Open
Loop Voltage Gain
VS = 5V, 0V; RL = 1k; VOUT = 0.5V to 4.5V
VS = 5V, 0V; RL = 100Ω; VOUT = 1V to 4V
VS = ±5V; RL = 1k; VOUT = ±4.5V
VS = ±5V; RL = 100Ω; VOUT = ±2V
65
10
110
13.5
60
9
100
12
55
8
90
10.5
50
7
80
9
45
6
70
7.5
V/mV
V/mV
V/mV
V/mV
CMRR
Common Mode
Rejection Ratio
VS = 5V, 0V; VCM = 0V to 5V
VS = 5V, 0V; VCM = 1.5V to 3.5V
VS = ±5V; VCM = ±5V
VS = ±5V; VCM = ±2V
64
84
67
74
63
83
66
73
62
82
65
72
61
81
64
71
60
80
63
70
dB
dB
dB
dB
PSRR
Power Supply
Rejection Ratio
VS = ±2.25V to ±5V
59
58
57
56
55
dB
VOL
Output Voltage
Swing Low
VS = 5V, 0V; IL = 0
VS = 5V, 0V; IL = 5mA
VS = 5V, 0V; IL = 20mA
VS = ±5V; IL = 0
VS = ±5V; IL = 5mA
VS = ±5V; IL = 20mA
52
104
296
52
114
296
54
108
302
54
118
302
56
112
308
56
122
308
58
116
314
58
126
314
60
120
320
60
130
320
mV
mV
mV
mV
mV
mV
VOH
Output Voltage
Swing High
VS = 5V, 0V; IL = 0
VS = 5V, 0V; IL = 5mA
VS = 5V, 0V; IL = 20mA
VS = ±5V; IL = 0
VS = ±5V; IL = 5mA
VS = ±5V; IL = 20mA
114
198
415
134
218
430
118
206
430
138
226
455
122
214
445
142
234
47
0
126
222
460
146
242
485
130
230
475
150
250
500
mV
mV
mV
mV
mV
mV
ISC
Short-Circuit Current VS = 5V, 0V or VS = ±5V
58
56
54
52
50
mA
IS
Supply Current
VS = 5V, 0V
VS = ±5V
20.4
23.4
20.8
23.8
21.2
24.2
21.6
24.6
22
25
mA
mA
IS(SHDN) Shutdown Supply
Current
VS = 5V, 0V
VS = ±5V
1.84
2.14
1.88
2.18
1.92
2.22
1.96
2.26
2
2.3
mA
mA
ISHDN
Shutdown Pin
Current
VS = 5V, 0V or VS = ±5V; VSHDN = 0.3V
–284
–288
–292
–296
–300
μA
Note 5: The RH6200 is tested under pulse load conditions such that
TJ ≈ TA. The thermal resistance of the W 10-lead CERPAC package
(without heat sink) is estimated at 170°C/W. For a given application,
multiply the RMS power dissipation of the RH6200 times the package
thermal resistance (including any heat sinking if present) to calculate the
temperature difference between the ambient temperature and the junction
temperature. The RH6200 has a thermal shutdown feature that protects
the part from excessive junction temperature. The amplifier will shut
down to an inactive, low current condition when the junction temperature
exceeds approximately 160°C. The amplifier will remain shut down
until the die cools off to below approximately 150°C, at which point the
amplifier will return to normal operation.
Note 6: This parameter is not production tested. Typical bench evaluation
performance listed for information only.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com