Electronic Components Datasheet Search
  English  ▼

X  

RHO7 Datasheet(PDF) 4 Page - Linear Technology

Part # RHO7
Description  Operational Amplifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

RHO7 Datasheet(HTML) 4 Page - Linear Technology

  RHO7_15 Datasheet HTML 1Page - Linear Technology RHO7_15 Datasheet HTML 2Page - Linear Technology RHO7_15 Datasheet HTML 3Page - Linear Technology RHO7_15 Datasheet HTML 4Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
RH07
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7487
(408) 432-1900 q FAX: (408) 434-0507 q TELEX: 499-3977
©LINEAR TECHNOLOGY CORPORATION 1993
LT/LT 0803 REV B • PRINTED IN USA
I.D. No. 66-10-0170
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
TOTAL DOSE KRAD (Si)
1
0.4
0.3
0.2
0.1
0
10
100
1000
RH07 G01
VS = ±15V
RL = 2k
Positive Slew Rate
TOTAL DOSE KRAD (Si)
1
0.4
0.3
0.2
0.1
0
10
100
1000
RH07 G02
VS = ±15V
RL = 2k
TOTAL DOSE KRAD (Si)
1
150
100
50
0
–50
–100
–150
–200
10
100
1000
RH07 G03
VS = ±15V
VCM = 0V
Input Offset Voltage
Open-Loop Gain
Common-Mode Rejection Ratio
TOTAL DOSE KRAD (Si)
1
150
140
130
120
110
100
90
80
10
100
1000
RH07 G04
VS = ±15V
RL = 2k
VOUT = ±10V
Negative Slew Rate
Input Bias Current
TOTAL DOSE KRAD (Si)
1
70
60
50
40
30
20
10
0
10
100
1000
RH07 G05
VS = ±15V
VCM = 0V
TOTAL DOSE KRAD (Si)
1
170
160
150
140
130
120
110
100
10
100
1000
RH07 G06
VS = ±15V
VCM = ±13V
TOTAL DOSE KRAD (Si)
1
6
4
2
0
–2
–4
10
100
1000
RH07 G07
VS = ±15V
VCM = 0V
Input Offset Current
TOTAL DOSE KRAD (Si)
1
140
130
120
110
100
90
80
70
10
100
1000
RH07 G08
VS = ±3V TO ±18V
Power Supply Rejection Ratio



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com