Electronic Components Datasheet Search
  English  ▼

X  

RH07 Datasheet(PDF) 1 Page - Linear Technology

Part # RH07
Description  Operational Amplifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

RH07 Datasheet(HTML) 1 Page - Linear Technology

  RH07 Datasheet HTML 1Page - Linear Technology RH07 Datasheet HTML 2Page - Linear Technology RH07 Datasheet HTML 3Page - Linear Technology RH07 Datasheet HTML 4Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
RH07
Operational Amplifier
Information furnished by Linear Technology Corporation is believed to be accurate and reliable. However,
no responsibility is assumed for its use. Linear Technology Corporation makes no representation that the
interconnection of circuits as described herein will not infringe on existing patent rights.
I FOR ATIO
BUR -I CIRCUIT
–
+
200
Ω
10k
–20V
20V
10k
30pF
4
6
8
1
7
2
3
RH07 BI
PACKAGE/
DESCRIPTIO
A
G
A
U
A
R
BSOLUTEXI
TI
S
The RH07 is a precision op amp which provides very low
offset voltage, low drift and low noise. In the design,
processing and testing of the device, particular attention
has been paid to the optimization of the entire distribution
of several key parameters. The wafer lots are processed to
LTC’s in-house Class S flow to yield circuits usable in
stringent military applications.
For complete electrical specifications, performance curves,
application notes and applications circuits, see the OP-07
data sheet.
Supply Voltage .....................................................
±22V
Differential Input Voltage ......................................
±30V
Input Voltage ........................................................
±22V
Output Short-Circuit Duration (Note 3) ........... Indefinite
Operating Temperature Range ............. – 55
°C to 125°C
Storage Temperature Range ................ – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec)................. 300
°C
TOP VIEW
V+
VOS TRIM
–IN
OUT
NC
+IN
V–
H PACKAGE
8-LEAD TO-5 METAL CAN
8
1
7
6
5
3
2
4
VOS TRIM
1
2
3
4
8
7
6
5
TOP VIEW
VOS TRIM
–IN
+IN
V–
VOS TRIM
V+
OUT
NC
J8 PACKAGE
8-LEAD CERAMIC DIP


Similar Part No. - RH07

ManufacturerPart #DatasheetDescription
logo
Linear Technology
RH07 LINER-RH07 Datasheet
113Kb / 4P
Operational Amplifier
RH07 LINER-RH07 Datasheet
81Kb / 2P
DICE SPECIFICATION
RH07 LINER-RH07 Datasheet
196Kb / 8P
Quad Precision Operational Amplifier
logo
List of Unclassifed Man...
RH0721SC ETC-RH0721SC Datasheet
34Mb / 42P
MAGNETIC POWDER CORES
Ver.12
RH0725SC ETC-RH0725SC Datasheet
34Mb / 42P
MAGNETIC POWDER CORES
Ver.12
More results

Similar Description - RH07

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM725 NSC-LM725 Datasheet
495Kb / 11P
Operational Amplifier
logo
Linear Technology
OP-05 LINER-OP-05 Datasheet
520Kb / 8P
Operational Amplifier
RH108A LINER-RH108A Datasheet
141Kb / 4P
Operational Amplifier
RH07 LINER-RH07 Datasheet
113Kb / 4P
Operational Amplifier
logo
SG Micro Corp
SGM8142 SGMICRO-SGM8142 Datasheet
291Kb / 10P
Operational Amplifier
logo
Linear Technology
LT1220 LINER-LT1220_15 Datasheet
271Kb / 12P
Operational Amplifier
LT1222 LINER-LT1222_15 Datasheet
261Kb / 12P
Operational Amplifier
RH101A LINER-RH101A_15 Datasheet
142Kb / 2P
Operational Amplifier
logo
Texas Instruments
LM741 TI1-LM741 Datasheet
815Kb / 18P
Operational Amplifier
logo
Siemens Semiconductor G...
TCA321 SIEMENS-TCA321 Datasheet
739Kb / 5P
Operational Amplifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com