Electronic Components Datasheet Search
  English  ▼

X  

AN3014 Datasheet(PDF) 16 Page - STMicroelectronics

Part # AN3014
Description  This application note describes the characteristics and the features
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3014 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button AN3014 Datasheet HTML 12Page - STMicroelectronics AN3014 Datasheet HTML 13Page - STMicroelectronics AN3014 Datasheet HTML 14Page - STMicroelectronics AN3014 Datasheet HTML 15Page - STMicroelectronics AN3014 Datasheet HTML 16Page - STMicroelectronics AN3014 Datasheet HTML 17Page - STMicroelectronics AN3014 Datasheet HTML 18Page - STMicroelectronics AN3014 Datasheet HTML 19Page - STMicroelectronics AN3014 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
Functional check
AN3014
16/29
Doc ID 16064 Rev 2
In the graphs above it can be noted that the average output current as well as the average
primary current are limited, preventing converter over-heating and consequent failure.
Figure 14.
Short-circuit at full load and
115 Vac - 60 Hz
Figure 15.
Short-circuit detail at full load
and 115 Vac - 60 Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com