Electronic Components Datasheet Search
  English  ▼

X  

AN3090 Datasheet(PDF) 15 Page - STMicroelectronics

Part # AN3090
Description  Power saving and LED status detection using the STP16DPPS05 device
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3090 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button AN3090 Datasheet HTML 11Page - STMicroelectronics AN3090 Datasheet HTML 12Page - STMicroelectronics AN3090 Datasheet HTML 13Page - STMicroelectronics AN3090 Datasheet HTML 14Page - STMicroelectronics AN3090 Datasheet HTML 15Page - STMicroelectronics AN3090 Datasheet HTML 16Page - STMicroelectronics AN3090 Datasheet HTML 17Page - STMicroelectronics AN3090 Datasheet HTML 18Page - STMicroelectronics AN3090 Datasheet HTML 19Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
AN3090
Auto power-saving feature
Doc ID16496 Rev 1
15/19
Figure 10 shows the typical shape of the first output turn-on when the device switches from
auto power-saving to normal mode.
Figure 10.
First out “ON” after resuming normal mode
The following signals are shown on the plot above:
●
Ch1 (yellow) = SDI signal
●
Ch2 (blue) = CLK signal
●
Ch3 (purple) = LE/DM1
●
Ch4 (green) = first output switched on after return from auto power-saving to normal
mode
5.1
Value added by the auto power-saving feature
To demonstrate the added benefits provided by the auto power-saving feature, consider
a typical application, such as an LED display panel supplied by battery cell, where 100
STP16DPPS05 devices are used.
If the outputs of each device are driven with a 40 mA current capability (REXT = 497 Ω), the
IDD supply current of each device is typically 8 mA.
The LED display supply current (IDD) is:
Total IDD = IDD x n
(Where n is the number of STP16DPPS05 devices used).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com