Electronic Components Datasheet Search
  English  ▼

X  

KDV239E Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # KDV239E
Description  VARIABLE CAPACITANCE DIODE SILICON EPITAXIAL PLANAR DIODE(VCO FOR UHF RADIO)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KDV239E Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  KDV239E Datasheet HTML 1Page - KEC(Korea Electronics) KDV239E Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2000. 3. 7
2/2
KDV239E
Revision No : 0
-3
-50
AMBIENT TEMPERATURE Ta ( C)
C - Ta
C
- V
R
REVERSE VOLTAGE V
(V)
0
1
R
4
8
12
16
3
5
7
10
f=1MHz
Ta=25 C
-25
0
25
50
75
100
125
-2
-1
0
1
2
3
f=1MHz
V =1V
R
V
0.01p
0
REVERSE VOLTAGE V
(V)
R
I
- V
RR
510
15
20
0.1p
1p
10p
100p
Ta=80 C
25
Ta=60 C
Ta=25 C
REVERSE VOLTAGE V
(V)
0
1
310
20
r
- V
s
R
R
5
0.2
Ta=25 C
f=100MHz
0.4
0.6
0.8
1.0
0.8
0.4
500
R
Ta=25 C
V =1V
100
FREQUENCY f (MHz)
20
50
300
1K
0.2
r
- f
s
0.6
0
R
V =2V
R
V =6V
R
V =10V
NOTE : C(%) =
100
C(25)
C(Ta) - C(25)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com