Electronic Components Datasheet Search
  English  ▼

X  

AN3119 Datasheet(PDF) 16 Page - STMicroelectronics

Part # AN3119
Description  250 W transition-mode PFC pre-regulator with the new L6563S
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3119 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button AN3119 Datasheet HTML 12Page - STMicroelectronics AN3119 Datasheet HTML 13Page - STMicroelectronics AN3119 Datasheet HTML 14Page - STMicroelectronics AN3119 Datasheet HTML 15Page - STMicroelectronics AN3119 Datasheet HTML 16Page - STMicroelectronics AN3119 Datasheet HTML 17Page - STMicroelectronics AN3119 Datasheet HTML 18Page - STMicroelectronics AN3119 Datasheet HTML 19Page - STMicroelectronics AN3119 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
Test results and significant waveforms
AN3119
16/32
Doc ID 16849 Rev 2
voltage has a significant deviation from the nominal value. The circuit has the same behavior
in the case of mains surge at any input voltage, and it is not affected even if the input mains
surge happens at any point of the input sinewave.
In Figure 23 the circuit behavior in the case of mains dip is shown; as previously described,
the internal circuitry has detected the decreasing of the mains voltage and it has activated
the CFF internal fast discharge. As seen, in this case the output voltage changes but in a few
mains cycles it comes back to the nominal value. The situation is different if we compare it
with the performance of a controller without the VFF function. In Figure 22 the behavior of a
PFC using the L6562A and delivering similar output power is shown; in the case of a mains
dip from 140 Vac to 90 Vac the output voltage variation is not very different but the output
voltage requires a longer time to restore the original value. In tests with a wider voltage
variation (e.g. 265 Vac to 90 Vac) the output voltage variation of a PFC without the voltage
feed-forward fast discharging is far more emphasized.
Figure 20.
L6562A input mains surge 90 Vac to
140 Vac - no VFF input
Figure 21.
EVL6563S-250W TM PFC: input
mains surge 90 Vac to 140 Vac
CH1: Vout, CH2: MULT (pin #3), CH4: I_AC
CH1: Vout, CH3: VFF (pin #5), CH2: MULT (pin #3)
CH4: I_AC
Figure 22.
L6562A: input mains dip 140 Vac to
90 Vac - no VFF input
Figure 23.
EVL6563S-250W TM PFC: input
mains dip 140 Vac to 90 Vac
CH1: Vout, CH2: MULT (pin #3), CH4: I_AC
CH1: Vout, CH2: MULT (pin #3), CH2: VFF (pin #5)
CH4: I_AC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com