Electronic Components Datasheet Search
  English  ▼

X  

MSK032 Datasheet(PDF) 3 Page - M.S. Kennedy Corporation

Part # MSK032
Description  Contact MSK for MIL-PRF-38534 Qualification Status
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK032 Datasheet(HTML) 3 Page - M.S. Kennedy Corporation

  MSK032_15 Datasheet HTML 1Page - M.S. Kennedy Corporation MSK032_15 Datasheet HTML 2Page - M.S. Kennedy Corporation MSK032_15 Datasheet HTML 3Page - M.S. Kennedy Corporation MSK032_15 Datasheet HTML 4Page - M.S. Kennedy Corporation MSK032_15 Datasheet HTML 5Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
APPLICATION NOTES
HEAT SINKING
To determine if a heat sink is necessary for your application
and if so, what type, refer to the thermal model and governing
equation below.
COMPENSATION
The MSK 032, can be frequency compensated by connecting
an R-C snubber circuit from pin 3 to pin 4 as shown below.
POWER SUPPLY BYPASSING
The recommended capacitor value is 0.01µF and the resis-
tor value can range from 2
Ω to 500Ω. The effects of this R-C
snubber can be seen on the typical performance curve labeled
Slew Rate VS. Compensation Resistance. The graph clearly illus-
trates the decrease in transition time as snubber resistance in-
creases. This occurs because the high frequency components
of the input square wave are above the corner frequency of the
R-C snubber and are applied common mode to the bases of the
second differential pair, (pins 3 and 4). There is no differential
gain for these higher frequencies since the input signal is ap-
plied common mode. Without the high frequency components
appearing at the output, the slew rate and bandwidth of the op-
amp are limited. However, at the cost of speed and bandwidth
the user gains circuit stability. A good design rule to follow is: as
closed loop gain decreases, circuit stability decreases, therefore
snubber resistance should decrease to maintain stability and avoid
oscillation. The MSK 032 can also be compensated using the
standard LH0032 techniques.
TJ=PD X (RθJC + RθCS + RθSA)+TA
Where
TJ= Junction Temperature
PD= Total Power Dissipation
RθJC=Junction to Case Thermal Resistance
RθCS=Case to Heat Sink Thermal Resistance
RθSA=Heat Sink to Ambient Thermal Resistance
TC= Case Temperature
TA= Ambient Temperature
TS= Sink Temperature
Governing Equation:
Conditions:
Vcc=±16VDC
Vo=±8Vp Sine Wave, Freq.= 1KHz
RL=510
Ω
For a worst case analysis we treat the +8Vp sine wave as an 8
VDC output voltage.
1.) Find driver power dissipation
PD = (Vcc-Vo) (Vo/RL)
Rev. C 9/06
3
Example:
This example demonstrates a worst case analysis for the op-
amp output stage. This occurs when the output voltage is 1/2
the power supply voltage. Under this condition, maximum power
transfer occurs and the output is under maximum stress.
= (16V - 8V) (8V/510Ω)
===== 125.5mW
2.) For conservative design, set TJ=+125°C
3.) For this example, worst caseTA=+100°C
4.) R
θJC= 187°C/W from MSK 032B Data Sheet
5.) R
θCS= 0.15°C/W for most thermal greases
6.) Rearrange governing equation to solve for R
θSA
R
θSA= ((TJ - TA)/PD ) - (RθJC) - (RθCS).
= ((125°C-100°C) /0.13W) - 187° C/W - 0.15°C/W
= 192.3 - 187.15
= 5.2°C/W
The heat sink in this example must have a thermal resistance
of no more than 5.2°C/W to maintain a junction temperature
of no more than+125°C.
SLEW RATE VS. SLEW RATE LIMIT
SLEW RATE
SR = 2
πVpF: Slew rate is based upon the sinusoidal linear
response of the amplifier and is calculated from the full power
bandwidth frequency.
SLEW RATE LIMIT
dv/dt: The slew rate limit is based upon the amplifier's res-
ponse to a step input and is measured between 10% and 90%.
MSK measures TR orTF, whichever is greater at±10VouT,
RL=510
Ω
SRL= VO-20%
TR or TF
Both the negative and positive power supplies must be
effectively decoupled with a high and low frequency bypass
circuit to avoid power supply induced oscillation. An effective
decoupling scheme consists of a 0.1 microfarad ceramic capa-
citor in parallel with a 4.7 microfarad tantalum capacitor from
each power supply pin to ground.
Thermal Model:



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com