Electronic Components Datasheet Search
  English  ▼

X  

P90618I Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # P90618I
Description  Internal Ribbon Cable, Dual Ultra, 33-66-100 ATA-DMA EIDE, (3Conn 40P), 18-in
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

P90618I Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  P90618I Datasheet HTML 1Page - Tripp Lite. All Rights Reserved P90618I Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Internal Ribbon Cable, Dual Ultra, 33/66/100
ATA/DMA EIDE, (3Conn 40P), 18-in.
MODEL NUMBER: P906-18I
Description
Tripp Lite's enhanced IDE (EIDE) ribbon cable connects up to two internal IDE hard drives to a controller card. This internal dual Ultra DMA/ATA ribbon
supports UDMA/33, ATA/66 and ATA/100. This 18-inch cable is constructed with 80 conductor ribbon and contains three 40pin socket connectors (one for the
controller card and the other two for drives).
Features
Connects up to two internal IDE hard drives to a controller card
80 conductor cable
Supports UDMA/33, ATA/66 and ATA/100
Cable contains three 40pin socket connectors (one for the controller card and the other two for drives)
NOTE: pin 20 on the controller side is blocked so this is not a generic EIDE cable solution. controllers must be missing pin 20 to attach to this cable
Specifications
OVERVIEW
Cable Type
Ribbon/Internal
INPUT
Cable Length (ft.)
1.5
Cable Length (m)
0.46
Cable Length (in.)
18
PHYSICAL
Highlights
An assortment of high quality
internal cables
Includes IDE and EIDE ribbon
cables, power cables and
CD-ROM cable assemblies
System Requirements
EIDE device drive
EIDE controller channel with Pin
20 blocked
Package Includes
18-in. Int Dual Ultra 33/66/100
ATA/DMA EIDE Ribbon Cable
3Conn 40P
1 / 2


Similar Part No. - P90618I

ManufacturerPart #DatasheetDescription
logo
Anderson Power Products...
P906 APP-P906 Datasheet
1Mb / 6P
SB® 350 Connectors Up to 500 Amps
REV C7
logo
Tripp Lite. All Rights ...
P906-18I TRIPPLITE-P906-18I Datasheet
153Kb / 2P
Internal Ribbon Cable, Dual Ultra, 33/66/100 ATA/DMA EIDE, (3Conn 40P), 18-in.
logo
Anderson Power Products...
P906-BK APP-P906-BK Datasheet
1Mb / 6P
SB® 350 Connectors Up to 500 Amps
REV C7
More results

Similar Description - P90618I

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
HIF3BDE-10PD-2.54R-MC HIROSE-HIF3BDE-10PD-2.54R-MC Datasheet
131Kb / 3P
HIF3B In-line Type Ribbon Cable Connector
logo
SMSC Corporation
SLC90E66 SMSC-SLC90E66 Datasheet
1Mb / 257P
Victory66 Enhanced PCI South Bridge with Ultra ATA/66 IDE Controller
logo
DB Lectro Inc
A29 DBLECTRO-A29 Datasheet
284Kb / 1P
ULTRA ATA BUS CONNECTOR
logo
Molex Electronics Ltd.
0250021004 MOLEX4-0250021004 Datasheet
174Kb / 2P
2.54mm (.100") Pitch Board-to-Board Ribbon Cable
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-6333 AVAGO-AMMP-6333 Datasheet
226Kb / 9P
18 ??33 GHz, 0.2 W Driver Amplifier in SMT Package
logo
Assmann Electronics Inc...
AK-ATA-100-1-R ASSMANN-AK-ATA-100-1-R Datasheet
301Kb / 1P
ULTRA ATA HARD DRIVE CONNECTOR CABLE, 100MBPS
AK-ATA-100-R ASSMANN-AK-ATA-100-R Datasheet
301Kb / 1P
ULTRA ATA HARD DRIVE CONNECTOR CABLE
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-6333 AVAGO-AMMP-6333_15 Datasheet
237Kb / 9P
18 ??33 GHz, 0.2 W Driver Amplifier in SMT Package
logo
Tripp Lite. All Rights ...
P906-18I TRIPPLITE-P906-18I Datasheet
153Kb / 2P
Internal Ribbon Cable, Dual Ultra, 33/66/100 ATA/DMA EIDE, (3Conn 40P), 18-in.
logo
ETA-USA
EPB-3.3SC28-A ETA-USA-EPB-3.3SC28-A Datasheet
132Kb / 3P
33, 49.5, 66, 99, 132 DC-DC Converters EP SERIES 18~36Vdc Input
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com