Electronic Components Datasheet Search
  English  ▼

X  

MSK612 Datasheet(PDF) 2 Page - M.S. Kennedy Corporation

Part # MSK612
Description  Ultra Low Quiescent Current - 짹13mA for High Voltage
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK612 Datasheet(HTML) 2 Page - M.S. Kennedy Corporation

  MSK612_15 Datasheet HTML 1Page - M.S. Kennedy Corporation MSK612_15 Datasheet HTML 2Page - M.S. Kennedy Corporation MSK612_15 Datasheet HTML 3Page - M.S. Kennedy Corporation MSK612_15 Datasheet HTML 4Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
±80VDC
±VCC
±18VDC
30°C/W
VIN=0 @ +VCC
VIN=0 @ -VCC
VIN=0 @ +VHV
VIN=0 @ -VHV
VIN=0
±VCC
±VHV
f=1KHz
f=1KHz
V0=±50V
V0=±1.0V
V0=±50V
VO=±50V f=1KHz
AV=-10V/V VO=±50V
AV=-10V/V VO=±50V
AV=-10V/V VO=±50V
STATIC
Input Offset Voltage Drift
DYNAMIC CHARACTERISTICS
Output Voltage Swing
Peak Output Current
Full Power Output
Unity Gain Bandwidth
Slew Rate
Voltage Gain
Settling Time to 1%
Settling Time to 0.1%
Settling Time to 0.05%
Group A
Subgroup
1,2,3
1,2,3
1,2,3
1,2,3
1
2,3
1
2,3
2,3
-
-
4
-
-
-
4
4
-
-
4
-65°C to +150°C
300°C
-40°C to +85°C
-55°C to +125°C
150°C
ABSOLUTE MAXIMUM RATINGS
TST
TLD
TC
TJ
Storage Temperature Range
Lead Temperature Range
(10 Seconds)
Case Operating Temperature
MSK612
MSK612B/E
Junction Temperature
Supply Voltage
Input Voltage Range
Supply Voltage (Input Stage)
Thermal Resistance
(Output Devices)
±VHV
±VIN
±VCC
θJC
Typ.
1.0
12
12
12
±0.2
±1.0
50
100
±5
±15
±65
±58
±250
12
100
5000
100
100
400
750
Min.
-
-
-
-
-
-
-
-
-
±12
±50
±50
±200
5
80
2000
90
-
-
-
Max.
3.5
30
20
20
±5.0
±10
500
750
±50
±18
±80
-
-
-
-
-
-
-
-
1.5
Min.
-
-
-
-
-
-
-
-
-
±12
±50
±50
±200
4
80
2000
90
-
-
-
Max.
4.0
32
22
22
±10
-
750
-
-
±18
±80
-
-
-
-
-
-
-
-
1.6
MSK 612B/E
MSK 612
Parameter
Test Conditions
ELECTRICAL SPECIFICATIONS
1
mA
mA
mA
mA
mV
mV
nA
nA
µV/°C
V
V
V
mA
MHz
MHz
V/µS
dB
nS
nS
µS
Units
Typ.
1.0
15
12
12
±1.0
±2.0
50
100
±5
±15
±65
±58
±250
12
100
5000
100
100
400
750
1
2
3
4
5
6
Unless otherwise specified, ±VCC=±15VDC, ±VHV=±65VDC, CL=8pF (probe capacitance) and AV=10V/V.
This parameter is guaranteed by design but not tested. Typical parameters are representative of actual device performance but are for reference only.
Industrial grade and "E" suffix devices shall be tested to subgroups 1 and 4 unless otherwise specified.
Military grade devices ('B' suffix) shall be 100% tested to subgroups 1,2,3 and 4.
Subgroup 1,4
TA=TC=+25°C
Subgroup 2,5
TA=TC=+125°C
Subgroup 3,6
TA=TC=-55°C
Continuous operation at or above absolute maximum ratings may adversely effect the device performance and/or life cycle.
NOTES:
Quiescent Current
Input Offset Voltage
Input Bias Current
VIN=0
Power Supply Range
2
2
2
2
2
2
2
2
Rev. B
3/06
2
6



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com